Electronic Components Datasheet Search
  English  ▼

X  

PAW3101DB Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 9Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 10Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
0x16
Motion_Status
Bit
7
6
5
4
3
2
1
0
Field
Motion
Reserved[3:2]
DYOVF
DXOVF
Reserved[1:0]
RES
Usage
Register 0x16 allows the user to determine if motion has occurred since the last time it was read. If
so, then the user should read registers 0x17 and 0x18 to get the accumulated motion. It also tells if the
motion buffers have overflowed since the last reading. The current resolution is also shown.
Reading this register freezes the Delta_X and Delta_Y register values. Read this register before
reading the Delta_X and Delta_Y registers. If Delta_X and Delta_Y are not read before the motion
register is read a second time, the data in Delta_X and Delta_Y will be lost.
Field Name
Description
Motion
Motion since last report or PD
0 = No motion (Default)
1 = Motion occurred, data ready for reading in Delta_X and Delta_Y registers
Reserved[3:2]
Reserved for future use
DYOVF
Motion Delta Y overflow, ΔY buffer has overflowed since last report
0 = No overflow (Default)
1 = Overflow has occurred
DXOVF
Motion Delta X overflow, ΔX buffer has overflowed since last report
0 = No overflow (Default)
1 = Overflow has occurred
Reserved[1:0]
Reserved for future use
Notes
RES
Resolution in counts per inch
0 = 800 (Default)
1 = 400
0x17
Delta_X
Bit
7
6
5
4
3
2
1
0
Field
X7
X6
X5
X4
X3
X2
X1
X0
Usage
X movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128 ~ +127.
0x18
Delta_Y
Bit
7
6
5
4
3
2
1
0
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Usage
Y movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128 ~ +127.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com