Electronic Components Datasheet Search
  English  ▼

X  

PAW3101DB Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 12Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 13Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 14Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 15Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 16Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 17Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 18Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 19Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
16
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
6.1.2 Read Operation
A read operation, which means that data is going from the mouse sensor to the mouse controller, is always
initiated by the mouse controller and consists of two bytes. The first byte contains the address, is written by the
mouse controller, and has a “0” as its MSB to indicate data direction. The second byte contains the data and is
driven by the mouse sensor. The transfer is synchronized by SCLK. SDIO is changed on falling edges of SCLK
and read on every rising edge of SCLK. The mouse controller must go to a high Z state after the last address data
bit. The mouse sensor will go to the high Z state after the last data bit.
SD IO driven by the m ouse controller
SD IO driven by the m ouse sensor
N ote "A "
N ote "B "
Note "A "
7
8
A0
D7
1. T he m ouse controller sends address to the m ouse sensor.
2. T he m ouse controller releases and set SD IO to H i-Z after the last address bit.
9
Note "B "
16
D0
1. T he m ouse sensor sends data to the m ouse controller .
2. T he m ouse sensor releases and set SD IO to H i-Z after the last data bit.
Hi-Z
Hi-Z
1
SC L K
SD IO
SD IO
SC L K
A1
SC L K
SD IO
1
2
3
456
78
10
A5
A4
A3
A2
A1 A 0
D 7
D6
D5
D4
D3
D 2
D1
D0
9
11121314
15
A6
0
D ON'T
CA RE
16
Hi-Z
Hi-Z
R /W bit of next address
SD IO driven by the m ouse controller
R /W bit of next
address
tHOLD
3us,m in
_
_
Figure 8. Read Operation
6.2 Re-Synchronous Serial Interface
If the mouse controller and the mouse sensor get out of synchronization, then the data either written or read from
the registers will be incorrect. In such a case, an easy way to solve this condition is to toggle the SCLK line from
high to low to high and wait at least tSIWTT to re-synchronous the parts after an incorrect read. This method is
called by “watchdog timer timeout”. The mouse sensor will reset the serial port but will not reset the registers
and be prepared for the beginning of a new transmission.
SC L K
tSIW TT
1
234
567
89
1
0
1
1
1
2
1
3
1
4
1
5
1
6
SD IO
Hi-Z
AD D R ESS (R /W )
DA T A
tRESYNC
1u s , m in
Figure 9. Re-synchronous Serial Interface Using Watchdog Timer Timeout
Note that this function is disabled when the mouse sensor is in the power down mode. If the user uses this
function during the power down mode, it will get out of synchronization. The mouse sensor and the mouse
controller also might get out of synchronization due to following conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com