Electronic Components Datasheet Search
  English  ▼

X  

WM8148 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8148 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
5
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS
AVDD = 4.75 to 5.25V, DVDD1 and DVDD2 = 2.97 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 48MHz unless
otherwise stated (AVDD denotes the voltage applied to all AVDD pins).
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Performance Including 12-bit ADC, PGA, Offset and CDS Functions
NO MISSING CODES GUARANTEED
Max Gain
0.413
V
Gain = 1.0
3.0
V
Full-scale input voltage range
Min Gain
4.13
V
Zero-scale transition error
Gain = 1.0
20
mV
Full-scale transition error
Gain = 1.0
20
mV
Differential non-linearity
DNL
Gain = 1.0
0.25
1.00
LSB
Integral non-linearity
INL
Gain = 1.0
1.0
LSB
ANALOGUE SPECIFICATION
Input Multiplexer
Channel to channel gain matching
1%
Input voltage range
VIN
0
AVDD
V
References
Upper reference voltage
VRT
3.00
3.30
3.60
V
Lower reference voltage
VRB
1.50
1.80
2.10
V
Input return bias voltage
VRX
1.50
1.75
2.00
V
Diff. reference voltage (VRT-VRB)
VRTB
1.30
1.50
1.70
V
Output resistance VRT, VRB, VRX
VRT, VRB, VRX
buffers enabled
2
Ω
Resistance VRT to VRB
VRT, VRB buffers
disabled
500
800
1100
Ω
VRX Hi-Z leakage current
VRX buffer disabled
1
µA
VRLC/Reset-Level Clamp (RLC)
RLC switching impedance
75
Ω
VRLC Hi-Z leakage current
VRLC = 0 to AVDD
1
µA
VRLC DAC resolution
4bits
VRLC DAC step
AVDD = 5V
290
333
370
mV/step
VRLC short-circuit current
5mA
VRLC output resistance
VRLC = AVDD
VRLC = 0V
VRLC = other
80
80
5
Ω
Ω
Ω
Offset DAC
Resolution
8bits
Differential non-linearity
DNL
-0.25
0.05
0.25
LSB
Integral non-linearity
INL
-0.50
0.10
0.50
LSB
Output voltage
Code 00(hex)
Code FF(hex)
-200
200
mV
mV
Programmable Gain Amplifier. Monotonicity Guaranteed
Resolution
6bits
Max gain, each channel
GMAX
7.4
V/V
Min gain, each channel
GMIN
0.74
V/V
Gain error, each channel
25
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com