Electronic Components Datasheet Search
  English  ▼

X  

WM8148 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
10
OUTPUT DATA
OEB
OP[11:0]
t
PZE
Hi-Z
t
PEZ
Hi-Z
Figure 5 Output Data Enable Timing
FDEL[1:0] = 01
MCLK
FDEL[1:0] = 00
DEFAULT
FDEL[1:0] = 10
FDEL[1:0] = 11
OP[11:0]
OP[11:0]
OP[11:0]
OP[11:0]
t
PD
t
PD
t
PD
t
PD
Figure 6 Output Data Timing (Including Fine Latency Control By FDEL[1:0])
TEST CONDITIONS
AVDD = 4.75 to 5.25V, DVDD1 and DVDD2 = 2.97 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 48MHz unless
otherwise stated (AVDD denotes the voltage applied to all AVDD pins).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output propagation delay
tPD
IOH = 1mA, IOL = 1mA
102030
ns
Output enable time
tPZE
15
ns
Output disable time
tPEZ
15
ns
Note:
Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com