Electronic Components Datasheet Search
  English  ▼

X  

WM8148 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
16
INPUT SAMPLING MODES
To suit different sensors and applications, the WM8148 can sample one, two, or three channels
simultaneously, at the rate of the VSMP clock. In each case there are two possible ratios of VSMP
frequency to the MCLK master clock frequency, and a choice of whether to use CDS. Table 1
summarises the options available, including the respective maximum sample rates. The mode of
operation is set by the Control Register bits MODE[3:0] as shown. Note MODE[0] defines whether or
not CDS is activated.
MAX
SAMPLE
RATE PER
CHANNEL
(VSMP)
MCLK/VSMP
FREQUENCY
RATIO
MAX MCLK
FREQENCY
MAX
OUTPUT
RATE
MODE
NUMBER
(MODE[3:0])
MSPS
MHz
MSPS
CDS
NON-
CDS
Three-channel
(8-phase)
4
8
32
12
0
1
Three-channel
(12-phase)
412
48
12
8
9
Two-channel
(6-phase)
5.33
6
32
10.66
4
5
Two-channel
(8-phase)
6
8
48
12
12
13
One-channel
CDS
6.66
6
40
6.66
2
N/A
One-channel
non-CDS
10
4
40
10
N/A
3
Table 1 Modes of Operation
If an external VSMP signal is not available, the WM8148 can be configured to output a
synchronisation pulse to the system by setting control bit FREE. The internally generated signal is
presented on the VSMP and/or SDO pins depending on the settings of the control bits VSMPOP and
SDO[1:0].
CORRELATED DOUBLE SAMPLING (CDS)
The input signal can be sampled in two ways: Correlated Double Sampling (CDS), or non-CDS.
CDS operation is summarised in Figure 15. The video signal processed is the difference between the
voltage applied at the RINP input when RS turns off and the voltage at the RINP input when VS turns
off, i.e. the difference between reset and video levels from the same pixel of the input signal. This
method of sampling is recommended as it removes common-mode noise.
R
S
V
S
V
RS
V
VS
Figure 15 CDS Reset and Video Level Sampling
In non-CDS modes, RS and VS occur simultaneously. VS samples the video signal, while RS samples
the reference level applied to the VRLC pin. The video signal processed is the difference between
these samples (VRS-VVS). The voltage (VVRLC), on pin VRLC, may be driven externally or internally by
the RLC DAC. In these modes d.c. variations of the input signal are not rejected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com