Electronic Components Datasheet Search
  English  ▼

X  

WM8148 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
36
CONTROL
BIT/WORD
DEFAULT
DESCRIPTION
MUXOP
b6
0
Changes the data output format from 12-bit parallel to 2 x 8 bit multiplexed.
MUXOP
0
12-bit wide parallel data
1
8-bit wide multiplexed data
INVOP
b7
0
Digitally inverts the polarity of output data.
INVOP
0
Negative-going video gives negative-going output data
1
Negative-going video gives positive-going output data
Coarse Offsets
Address
000110
RLCV[3:0]
b3, b2, b1, b0
1011
Controls RLC DAC driving VRLC pin, to define single-ended signal-reference voltage
or reset-level clamp voltage. F(hex) is VDD, 0(hex) is 0V, B(hex) (default) is 11/15
∗
AVDD (= 3.67V typically).
RLCEXT
b4
1
Powers down the RLC DAC, tri-stating its output, allowing VRLC to be externally driven.
RLCEXT
0
RLC DAC drives VRLC pin
1
RLC DAC Hi-Z
PGAFS[1:0]
b6, b5
00
Configures the ADC input to accept the following video signal types:
PGAFS[1] PGAFS[0]
0
0
Bipolar video
0
1
Bipolar video
1
0
Negative-going video
1
1
Positive-going video
Revision Number
Address
000111
REV[7:0]
b7, …..b0
43
Read-only register, allows the user to determine the revision level of the device.
ASCII 7-bit code, e.g. 43(hex) = C
DAC Values
Address
1000xy
DAC[7:0]
b7, …..b0
1000
0000
The offset-setting data for the Red, Green and Blue offset DACs. 00(hex) gives
-200mV offset referred to signal input, FF(hex) gives +200mV, 80(hex) (default) gives
approximately zero offset.
PGA Gains
Address
1010xy
PGA[5:0]
b5, ….. b0
000000
The gain setting data for the Red, Green, and Blue programmable gain amplifiers.
00(hex) gives min gain, 3F(hex) gives max gain.
Table 8 Control Register Bit Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com