Electronic Components Datasheet Search
  English  ▼

X  

WM8148 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8148
Description  12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8148 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8148 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8148 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
WM8148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 4.0 April 1999
20
CALCULATING OUTPUT FOR ANY GIVEN INPUT
The following equations describe the processing of the video and reset level signals through the
WM8148.
INPUT SAMPLING BLOCK: INPUT SAMPLING AND REFERENCING
If MODE[0] = 0, (i.e. CDS operation) the previously sampled reset level, VRESET, is subtracted from
the input video.
V1
=VIN - VRESET
Eqn. 1
If MODE[0] = 1, (non-CDS operation) the simultaneously sampled voltage on pin VRLC is subtracted
instead.
V1
=VIN - VVRLC
Eqn. 2
If RLCEXT = 1, VVRLC is an externally applied voltage on pin VRLC.
If RLCEXT = 0, VVRLC is the output from the internal RLC DAC.
VVRLC
=
AVDD
∗ RLCV[3:0] / 15
Eqn. 3
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + 200mV
∗ (DAC[7:0]-127.5) / 127.5
Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain,
V3
=
V2
∗ 52/(70- PGA[5:0])
Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 12-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[11:0] = INT{ (V3 /VFS)
∗ 4095} + 2047
PGAFS[1:0] = 00 or 01
Eqn. 6
D1[11:0] = INT{ (V3 /VFS)
∗ 4095}
PGAFS[1:0] = 11
Eqn. 7
D1[11:0] = INT{ (V3 /VFS)
∗ 4095} + 4095
PGAFS[1:0] = 10
Eqn. 8
where the ADC full-scale range, VFS, = 3V.
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[11:0] = D1[11:0]
(INVOP = 0)
Eqn. 9
D2[11:0] = 4095 – D1[11:0]
(INVOP = 1)
Eqn. 10
OUTPUT DATA FORMAT
MULTIPLEXED AND NON-MULTIPLEXED OUTPUT FORMAT
Data is output from the device, by default, as a 12-bit wide word on OP[11:0]. The output changes on
every Nth negative-going edge of MCLK where N = 2, 4, or 6 according to the video sampling mode.
This is shown as byte C in Figure 21.
If control bit MUXOP is set high, data is output in a 2 x 8-bit word format, with data changing every
Nth negative-going edge of MCLK, where N = 1, 2, or 3 according to video sampling mode. This is
shown as bytes A and B in Figure 21. Data is presented on pins OP[11:4] at twice the output pixel
rate. Bits CC[1] and CC[0] are used to indicate which channel the ADC input was taken from. Table 3
shows the channels corresponding to the CC[1:0] bit values. Bits TVIOL and OVRNG of byte B are
Error Flags, these are described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com