Electronic Components Datasheet Search
  English  ▼

X  

SS6638G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6638G Datasheet HTML 1Page - Silicon Standard Corp. SS6638G Datasheet HTML 2Page - Silicon Standard Corp. SS6638G Datasheet HTML 3Page - Silicon Standard Corp. SS6638G Datasheet HTML 4Page - Silicon Standard Corp. SS6638G Datasheet HTML 5Page - Silicon Standard Corp. SS6638G Datasheet HTML 6Page - Silicon Standard Corp. SS6638G Datasheet HTML 7Page - Silicon Standard Corp. SS6638G Datasheet HTML 8Page - Silicon Standard Corp. SS6638G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.SiliconStandard.com
2 of 19
ORDERING INFORMATION
PIN CONFIGURATION
Packing
TR: Tape and reel
Package type
X: SOT-89
Z: TO-92
U: SOT-23
G: Pb-free, RoHS-compliant
Output voltage
27:
2.7V
30:
3.0V
33:
3.3V
45:
4.5V
50:
5.0V
SS6638-XX X X XX
Exam ple: SS6638-27GXTR
2.7V output in RoHS-compliant SOT-89,
shipped on tape and reel
TO-92
TOP VIEW
1: GND
2: VOUT
3: SW
1
2
3
1
2
3
SOT-89
TOP VIEW
1: GND
2: VOUT
3: SW
SOT-23
TOP VIEW
1: GND
2: VOUT
3: SW
1
2
3
SOT-23 MARKING
Part No.
SS6638-27GU
DA27P
SS6638-30GU
DA30P
SS6638-33GU
DA33P
SS6638-45GU
DA45P
SS6638-50GU
DA50P
SOT-89 MARKING
Part No.
SS6638-27GX
AN27P
SS6638-30GX
AN30P
SS6638-33GX
AN33P
SS6638-45GX
AN45P
SS6638-50GX
AN50P
SS6638G
8/21/2005 Rev.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com