Electronic Components Datasheet Search
  English  ▼

X  

SS6638G Datasheet(PDF) 15 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 15 Page - Silicon Standard Corp.

Back Button SS6638G Datasheet HTML 11Page - Silicon Standard Corp. SS6638G Datasheet HTML 12Page - Silicon Standard Corp. SS6638G Datasheet HTML 13Page - Silicon Standard Corp. SS6638G Datasheet HTML 14Page - Silicon Standard Corp. SS6638G Datasheet HTML 15Page - Silicon Standard Corp. SS6638G Datasheet HTML 16Page - Silicon Standard Corp. SS6638G Datasheet HTML 17Page - Silicon Standard Corp. SS6638G Datasheet HTML 18Page - Silicon Standard Corp. SS6638G Datasheet HTML 19Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.SiliconStandard.com
15 of 19
APPLICATION INFORMATION
GENERAL DESCRIPTION
The SS6638G PFM (pulse frequency modulation)
converter IC combines a switch mode converter,
N-channel
power
MOSFET,
precision
voltage
reference,
and
voltage
detector
in
a
single
monolithic device. It offers both extreme low
quiescent current, high efficiency, and very low
gate threshold voltage to ensure start-up with low
battery voltage (0.8V typ.). Designed to maximize
battery life in portable products, it minimizes
switching losses by only switching as needed
to service the load.
PFM converters transfer a discrete amount of
energy per cycle and regulate the output voltage
by modulating the switching frequency with a
constant pulse width. Switching frequency
depends on load, input voltage, and inductor
value, and it can range up to 100kHz. The SW
on-resistance is typically 1 to 1.5
Ω to minimize
switching losses.
When
the
output
voltage
drops,
the
error
comparator enables the 100KHz oscillator that turns
the MOSFET on for about 7.5
µs and off for 2.5µs.
Turning on the MOSFET allows inductor current to
ramp up, storing energy in a magnetic field. When
The MOSFET turns off, inductor current is forced
through the diode to the output capacitor and load. As
the stored energy is depleted, the current ramps
down until the diode turns off. At this point,
the inductor may ring due to residual energy and stray
capacitance. The output capacitor stores charge when
the current flowing through the diode is high, and
releases it when current is low, thereby maintaining
a steady voltage across the load.
As the load increases, the output capacitor
discharges faster and the error comparator initiates
cycles sooner, increasing the switching frequency.
The maximum duty cycle ensures adequate time for
energy transfer to the output during the second half
of each cycle. Depending on the circuit, PFM
converters operate in either discontinuous mode
or continuous conduction mode. Continuous
conduction mode means that the inductor current
does not ramp to zero during each cycle.
+
VIN
SW
VOUT
EXT
ID
IOUT
Isw
Ico
IIN
SS6638G
IPK
IIN
VEXT
ISW
IOUT
TDIS
Charge Co.
VSW
Discharge Co.
ID
t
Discontinuous Conduction Mode
SS6638G
8/21/2005 Rev.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com