Electronic Components Datasheet Search
  English  ▼

X  

SS6638G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6638G Datasheet HTML 1Page - Silicon Standard Corp. SS6638G Datasheet HTML 2Page - Silicon Standard Corp. SS6638G Datasheet HTML 3Page - Silicon Standard Corp. SS6638G Datasheet HTML 4Page - Silicon Standard Corp. SS6638G Datasheet HTML 5Page - Silicon Standard Corp. SS6638G Datasheet HTML 6Page - Silicon Standard Corp. SS6638G Datasheet HTML 7Page - Silicon Standard Corp. SS6638G Datasheet HTML 8Page - Silicon Standard Corp. SS6638G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.SiliconStandard.com
3 of 19
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VOUT pin)
.6V
SW pin Voltage
6V
SW pin Switch Current
0.6A
Operating Temperature Range
-40
°C to 85°C
Maximum Junction Temperature
125
°C
Storage Temperature Range
-65
°C to 150 °C
Lead Temperature (Soldering 10 Sec.)
260
°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
D1
SS12
VOUT
SW
GND
SS6638-27G
SS6638-30G
SS6638-33G
SS6638-45G
SS6638-50G
C2
47
µF
+
VOUT
L1
100
µH
VIN
+
C1
22
µF
IIN
Fig. 1
Test Circuit 1
VS
VSW
SS6638G
VOUT
SW
GND
IS
VS
FOSC
SS6638G
VOUT
SW
100
GND
Fig. 2
Test Circuit 2
Fig. 3
Test Circuit 3
SS6638G
8/21/2005 Rev.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com