Electronic Components Datasheet Search
  English  ▼

X  

SS6638G Datasheet(PDF) 14 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 14 Page - Silicon Standard Corp.

Back Button SS6638G Datasheet HTML 10Page - Silicon Standard Corp. SS6638G Datasheet HTML 11Page - Silicon Standard Corp. SS6638G Datasheet HTML 12Page - Silicon Standard Corp. SS6638G Datasheet HTML 13Page - Silicon Standard Corp. SS6638G Datasheet HTML 14Page - Silicon Standard Corp. SS6638G Datasheet HTML 15Page - Silicon Standard Corp. SS6638G Datasheet HTML 16Page - Silicon Standard Corp. SS6638G Datasheet HTML 17Page - Silicon Standard Corp. SS6638G Datasheet HTML 18Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.SiliconStandard.com
14 of 19
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
V
OUT
20mv/div
V
IN
0.5V/div
Fig. 56
Line Transient Response
(L1=100µH, C2=47µF)
BLOCK DIAGRAM
+
GND
VOUT
SW
1.25V REF.
1M
Enable
-
OSC, 100KHz
PIN DESCRIPTIONS
PIN 1 : GND
- Ground. Must be low impedance;
solder directly to ground plane.
PIN 2 : VOUT - IC supply pin. Connect VOUT to
the converter output.
PIN 3 : SW - Internal drain of N-MOSFET
switch.
SS6638G
8/21/2005 Rev.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com