Electronic Components Datasheet Search
  English  ▼

X  

SS6638G Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6638G Datasheet HTML 8Page - Silicon Standard Corp. SS6638G Datasheet HTML 9Page - Silicon Standard Corp. SS6638G Datasheet HTML 10Page - Silicon Standard Corp. SS6638G Datasheet HTML 11Page - Silicon Standard Corp. SS6638G Datasheet HTML 12Page - Silicon Standard Corp. SS6638G Datasheet HTML 13Page - Silicon Standard Corp. SS6638G Datasheet HTML 14Page - Silicon Standard Corp. SS6638G Datasheet HTML 15Page - Silicon Standard Corp. SS6638G Datasheet HTML 16Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.SiliconStandard.com
12 of 19
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 44
SS6638-45G SW Turn ON Resistance vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
50
100
150
200
250
300
350
400
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN=1.2V
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
Fig. 45
SS6638-50G Load Regulation ( L=100
µH CD54)
Output Current (mA)
0
50
100
150
200
250
300
350
400
20
30
40
50
60
70
80
90
100
VIN=1.2V
Fig. 46
SS6638-50G Efficiency (L=100
µH CD54)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
Output Current (mA)
0
50
100
150
200
250
300
350
400
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Fig. 47
SS6638-50G Load Regulation (L=47
µH CD54)
VIN=1.2V
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
Output Current (mA)
0
50
100
150
200
250
300
350
400
45
50
55
60
65
70
75
80
85
90
Fig. 48
SS6638-50G Efficiency (L=47
µH CD54)
Output Current (mA)
VIN=1.2V
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
0
2
4
6
8
10
12
14
16
18
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 49
SS6638-50G Start-up & Hold-on Voltage (L=100
µH CD50)
Output Current (mA)
Start up
Hold on
SS6638G
8/21/2005 Rev.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com