Electronic Components Datasheet Search
  English  ▼

X  

SS6638G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6638G Datasheet HTML 1Page - Silicon Standard Corp. SS6638G Datasheet HTML 2Page - Silicon Standard Corp. SS6638G Datasheet HTML 3Page - Silicon Standard Corp. SS6638G Datasheet HTML 4Page - Silicon Standard Corp. SS6638G Datasheet HTML 5Page - Silicon Standard Corp. SS6638G Datasheet HTML 6Page - Silicon Standard Corp. SS6638G Datasheet HTML 7Page - Silicon Standard Corp. SS6638G Datasheet HTML 8Page - Silicon Standard Corp. SS6638G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.SiliconStandard.com
1 of 19
SS6638G
8/21/2005 Rev.2.3
Simple 3-Pin Step-Up DC/DC Converter
FEATURES
DESCRIPTION
Guaranteed start-up from less than 0.9 V.
High efficiency.
Low quiescent current.
Fewer external components needed.
Low ripple and low noise.
Fixed output voltage: 2.7V, 3.0V, 3.3V, 4.5V
and 5V.
Space saving packages: SOT-23, SOT-89
and TO-92.
APPLICATIONS
Pagers.
Cameras.
Wireless Microphones.
Pocket Organizers.
Battery Backup Supplies.
Portable Instruments.
The SS6638G is a high-efficiency step-up DC/DC
converter for applications using 1 to 4 NiMH
battery cells. Only three external components are
required to deliver a fixed output voltage of 2.7V,
3.0V, 3.3V, 4.5V or 5V. The SS6638G starts up
from less than 0.9V input with 1mA load. A Pulse
Frequency Modulation scheme brings optimized
performance for applications with light output
loading and low input voltages. The output ripple
and noise are lower compared with circuits
operating in PSM mode.
The PFM control circuit operating at a maximum
100kHz switching rate results in smaller passive
components. The space saving SOT-23, SOT-89
and TO-92 packages make the SS6638G an ideal
choice of DC/DC converter for space-conscious
applications, like pagers, electronic cameras, and
wireless microphones.
TYPICAL APPLICATION CIRCUIT
D1
SS12
VOUT
SW
GND
SS6638-27G
SS6638-30G
SS6638-33G
SS6638-45G
SS6638-50G
C2
47
µF
+
VOUT
L1
100
µH
VIN
+
C1
22
µF
Simple Step-Up DC/DC Converter
Pb-free, RoHS compliant.


Similar Part No. - SS6638G

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6638 SENSITRON-SS6638 Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
SS6638U SENSITRON-SS6638U Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
SS6638US SENSITRON-SS6638US Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
More results

Similar Description - SS6638G

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
3-Pin Simple Step-Up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com