Electronic Components Datasheet Search
  English  ▼

X  

SS6638G Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6638G
Description  Simple 3-Pin Step-Up DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638G Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6638G Datasheet HTML 1Page - Silicon Standard Corp. SS6638G Datasheet HTML 2Page - Silicon Standard Corp. SS6638G Datasheet HTML 3Page - Silicon Standard Corp. SS6638G Datasheet HTML 4Page - Silicon Standard Corp. SS6638G Datasheet HTML 5Page - Silicon Standard Corp. SS6638G Datasheet HTML 6Page - Silicon Standard Corp. SS6638G Datasheet HTML 7Page - Silicon Standard Corp. SS6638G Datasheet HTML 8Page - Silicon Standard Corp. SS6638G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.SiliconStandard.com
4 of 19
ELECTRICAL CHARACTERISTICS
(TA=25°C, IOUT=10mA, unless otherwise
specified) (Note1)
PARAMETER
TEST CONDITIONS
TEST
CKT
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output Voltage
SS6638-27G
VIN=1.8V
SS6638-30G
VIN=1.8V
SS6638-33G
VIN=2.0V
SS6638-45G
VIN=3.0V
SS6638-50G
VIN=3.0V
1
VOUT
2.633
2.925
3.218
4.387
4.875
2.700
3.000
3.300
4.500
5.000
2.767
3.075
3.382
4.613
5.125
V
Input Voltage
Normal Operation
1
VIN
6
V
Start-Up Voltage
IOUT=1mA, VIN:0→2V
1
VSTART
0.8
0.9
V
Min. Hold-on Voltage
IOUT=1mA, VIN:2→0V
1
VHOLD
0.7
V
No-Load Input Current
IOUT=0mA
1
IIN
15
µA
Supply Current
SS6638-27G
SS6638-30G
SS6638-33G
SS6638-45G
SS6638-50G
VS=VOUT x 0.95
Measurement of the IC
input current (VOUT pin)
2
IS1
42
50
60
70
90
µA
Supply Current
SS6638-27G
SS6638-30G
SS6638-33G
SS6638-45G
SS6638-50G
VS=VOUT + 0.5V
Measurement of the IC
input current (VOUT pin)
2
IS2
7
7
7
7
7
µA
SW Leakage Current
VSW=6V, VS=VOUT + 0.5V
2
0.5
µA
SW Switch-On
Resistance
SS6638-27G
SS6638-30G
SS6638-33G
SS6638-45G
SS6638-50G
VS=VOUT x 0.95,
VSW=0.4V
2
RON
1.3
1.2
1.1
1
1
Ω
SS6638G
8/21/2005 Rev.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com