Electronic Components Datasheet Search
  English  ▼

X  

BLF145 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF145 Datasheet HTML 1Page - NXP Semiconductors BLF145 Datasheet HTML 2Page - NXP Semiconductors BLF145 Datasheet HTML 3Page - NXP Semiconductors BLF145 Datasheet HTML 4Page - NXP Semiconductors BLF145 Datasheet HTML 5Page - NXP Semiconductors BLF145 Datasheet HTML 6Page - NXP Semiconductors BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
Product specification
HF power MOS transistor
BLF145
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current; typical
values.
VDS =10V.
handbook, halfpage
4
−6
MGP036
102
103
104
10
−4
−2
0
2
T.C.
(mV/K)
ID (mA)
Fig.5
Drain current as a function of gate-source
voltage; typical values.
VDS =10V.
handbook, halfpage
05
ID
(A)
10
20
12
0
4
8
15
VGS (V)
MGP037
125
°C
Tj = 25 °C
Fig.6
Drain-source on-state resistance as a
function of junction temperature; typical
values.
ID = 1.5 A;
VGS =10V.
handbook, halfpage
040
RDS(on)
(
Ω)
Tj (°C)
80
160
0.8
0.6
0.2
0
0.4
120
MGP038
Fig.7
Input and output capacitance as functions
of drain-source voltage; typical values.
VGS = 0; f = 1 MHz.
handbook, halfpage
010
20
40
240
0
60
180
120
30
MGP039
C
(pF)
VDS (V)
Cos
Cis
Rev. 04 - 5 January 2007
5 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com