Electronic Components Datasheet Search
  English  ▼

X  

BLF145 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 2Page - NXP Semiconductors BLF145 Datasheet HTML 3Page - NXP Semiconductors BLF145 Datasheet HTML 4Page - NXP Semiconductors BLF145 Datasheet HTML 5Page - NXP Semiconductors BLF145 Datasheet HTML 6Page - NXP Semiconductors BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors BLF145 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NXP Semiconductors
Product specification
HF power MOS transistor
BLF145
Fig.8
Feedback capacitance as a function of
drain-source voltage, typical values.
VGS = 0; f = 1 MHz.
handbook, halfpage
0
10
20
010
Crs
(pF)
20
VDS (V)
30
MRA900
Rev. 04 - 5 January 2007
6 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com