Electronic Components Datasheet Search
  English  ▼

X  

BLF145 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors BLF145 Datasheet HTML 10Page - NXP Semiconductors BLF145 Datasheet HTML 11Page - NXP Semiconductors BLF145 Datasheet HTML 12Page - NXP Semiconductors BLF145 Datasheet HTML 13Page - NXP Semiconductors BLF145 Datasheet HTML 14Page - NXP Semiconductors BLF145 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
NXP Semiconductors
Product specification
HF power MOS transistor
BLF145
BLF145 scattering parameters
VDS = 28 V; ID = 250 mA; note 1
Note
1. For more extensive s-parameters see internet:
http://www.semiconductors.philips.com/markets/communications/wirelesscommunication/broadcast.
f
(MHz)
s11
s21
s12
s22
|s11|
∠Φ
|s21|
∠Φ
|s12|
∠Φ
|s22|
∠Φ
5
0.90
−70.90
62.40
138.40
0.02
49.80
0.83
−67.60
10
0.81
−108.90
42.47
117.90
0.03
30.70
0.72
−105.00
20
0.76
−140.20
23.90
100.40
0.03
16.40
0.66
−135.80
30
0.75
−151.90
16.27
92.20
0.03
10.50
0.65
−147.90
40
0.75
−157.90
12.18
86.50
0.03
8.00
0.64
−153.40
50
0.75
−161.40
9.70
82.00
0.03
6.60
0.65
−156.40
60
0.76
−163.70
8.01
78.10
0.03
5.80
0.66
−158.30
70
0.77
−165.30
6.78
74.50
0.03
5.60
0.67
−159.70
80
0.77
−166.60
5.85
71.30
0.03
6.20
0.68
−160.50
90
0.78
−167.50
5.14
68.30
0.02
7.30
0.69
−161.20
100
0.79
−168.40
4.56
65.30
0.02
8.80
0.71
−162.00
125
0.81
−170.40
3.48
58.20
0.02
15.50
0.74
−163.70
150
0.83
−172.00
2.74
52.50
0.02
27.00
0.77
−164.90
175
0.85
−173.60
2.23
47.70
0.02
41.30
0.80
−166.20
200
0.87
−175.20
1.86
43.00
0.02
54.50
0.82
−168.00
250
0.89
−178.40
1.32
35.30
0.03
72.80
0.86
−171.20
300
0.91
178.50
1.00
29.70
0.04
80.50
0.89
−174.20
350
0.93
175.50
0.77
25.50
0.05
83.90
0.91
−177.10
400
0.94
172.60
0.62
22.90
0.06
84.80
0.93
−179.90
450
0.94
169.90
0.50
20.90
0.07
85.30
0.94
177.60
500
0.95
167.20
0.43
20.30
0.08
84.20
0.94
175.10
600
0.95
161.90
0.32
21.60
0.10
82.40
0.95
170.60
700
0.95
156.80
0.26
25.40
0.12
79.90
0.96
166.40
800
0.94
151.90
0.23
31.50
0.14
78.20
0.96
162.30
900
0.94
147.20
0.22
38.60
0.16
74.10
0.94
158.60
1000
0.94
142.10
0.23
48.40
0.15
75.40
0.94
162.10
Rev. 04 - 5 January 2007
12 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com