Electronic Components Datasheet Search
  English  ▼

X  

BLF145 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 4Page - NXP Semiconductors BLF145 Datasheet HTML 5Page - NXP Semiconductors BLF145 Datasheet HTML 6Page - NXP Semiconductors BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors BLF145 Datasheet HTML 10Page - NXP Semiconductors BLF145 Datasheet HTML 11Page - NXP Semiconductors BLF145 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NXP Semiconductors
Product specification
HF power MOS transistor
BLF145
List of components (see Fig.11)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with
epoxy dielectric (εr = 4.5), thickness 1.6 mm.
.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C3, C8, C9
film dielectric trimmer
7 to 100 pF
2222 809 07015
C2, C10
multilayer ceramic chip capacitor; note 1
39 pF
C4, C7
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C5, C6
multilayer ceramic chip capacitor; note 1
27 pF
C11
multilayer ceramic chip capacitor
3
× 100 nF
2222 852 47104
C12
electrolytic capacitor
2.2
µF, 63 V
2222 030 38228
L1
12 turns enamelled 0.5 mm copper wire
307 nH
length 8 mm;
int. dia. 4 mm
L2, L3
stripline; note 2
30
Ω
length 15
× 6mm
L4
14 turns enamelled 1 mm copper wire
1039 nH
length 14 mm;
int. dia. 9 mm
L5
9 turns enamelled 1 mm copper wire
305 nH
length 10 mm;
int. dia. 6 mm
L6
grade 3B Ferroxcube wideband HF choke
4312 020 36640
R1
0.25 W metal film resistor
26
Ω
R2
0.25 W metal film resistor
10
Ω
Fig.11 Test circuit for class-A operation.
f = 28 MHz.
handbook, full pagewidth
MGP042
input
50
Ω
C1
C4
C7
L1
L2
D.U.T.
L3
L5
+VG
L4
R1
C3
C2
C8
C11
C6
C5
C12
C10
+VD
C9
L6
R2
output
50
Ω
Rev. 04 - 5 January 2007
8 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com