| Electronic Components Datasheet Search |
|
LPC1759 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1759 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 64 page ![]() LPC1759_58_56_54_52_51_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 26 January 2010 7 of 64 NXP Semiconductors LPC1759/58/56/54/52/51 32-bit ARM Cortex-M3 microcontroller P0[7]/I2STX_CLK/ SCK1/MAT2[1] 63[1] I/O P0[7] — General purpose digital input/output pin. I/O I2STX_CLK — Transmit Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. (LPC1759/58/56 only). I/O SCK1 — Serial Clock for SSP1. O MAT2[1] — Match output for Timer 2, channel 1. P0[8]/I2STX_WS/ MISO1/MAT2[2] 62[1] I/O P0[8] — General purpose digital input/output pin. I/O I2STX_WS — Transmit Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. (LPC1759/58/56 only). I/O MISO1 — Master In Slave Out for SSP1. O MAT2[2] — Match output for Timer 2, channel 2. P0[9]/I2STX_SDA/ MOSI1/MAT2[3] 61[1] I/O P0[9] — General purpose digital input/output pin. I/O I2STX_SDA — Transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. (LPC1759/58/56 only). I/O MOSI1 — Master Out Slave In for SSP1. O MAT2[3] — Match output for Timer 2, channel 3. P0[10]/TXD2/ SDA2/MAT3[0] 39[1] I/O P0[10] — General purpose digital input/output pin. O TXD2 — Transmitter output for UART2. I/O SDA2 — I2C2 data input/output (this is not an open-drain pin). O MAT3[0] — Match output for Timer 3, channel 0. P0[11]/RXD2/ SCL2/MAT3[1] 40[1] I/O P0[11] — General purpose digital input/output pin. I RXD2 — Receiver input for UART2. I/O SCL2 — I2C2 clock input/output (this is not an open-drain pin). O MAT3[1] — Match output for Timer 3, channel 1. P0[15]/TXD1/ SCK0/SCK 47[1] I/O P0[15] — General purpose digital input/output pin. O TXD1 — Transmitter output for UART1. I/O SCK0 — Serial clock for SSP0. I/O SCK — Serial clock for SPI. P0[16]/RXD1/ SSEL0/SSEL 48[1] I/O P0[16] — General purpose digital input/output pin. I RXD1 — Receiver input for UART1. I/O SSEL0 — Slave Select for SSP0. I/O SSEL — Slave Select for SPI. P0[17]/CTS1/ MISO0/MISO 46[1] I/O P0[17] — General purpose digital input/output pin. I CTS1 — Clear to Send input for UART1. I/O MISO0 — Master In Slave Out for SSP0. I/O MISO — Master In Slave Out for SPI. P0[18]/DCD1/ MOSI0/MOSI 45[1] I/O P0[18] — General purpose digital input/output pin. I DCD1 — Data Carrier Detect input for UART1. I/O MOSI0 — Master Out Slave In for SSP0. I/O MOSI — Master Out Slave In for SPI. Table 3. Pin description …continued Symbol Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |