| Electronic Components Datasheet Search |
|
LPC1759 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1759 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 64 page ![]() LPC1759_58_56_54_52_51_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 26 January 2010 9 of 64 NXP Semiconductors LPC1759/58/56/54/52/51 32-bit ARM Cortex-M3 microcontroller P1[19]/MCOA0/ USB_PPWR CAP1[1] 26[1] I/O P1[19] — General purpose digital input/output pin. O MCOA0 — Motor control PWM channel 0, output A. O USB_PPWR — Port Power enable signal for USB port. (LPC1759/58/56/54 only). I CAP1[1] — Capture input for Timer 1, channel 1. P1[20]/MCI0/ PWM1[2]/SCK0 27[1] I/O P1[20] — General purpose digital input/output pin. I MCI0 — Motor control PWM channel 0, input. Also Quadrature Encoder Interface PHA input. O PWM1[2] — Pulse Width Modulator 1, channel 2 output. I/O SCK0 — Serial clock for SSP0. P1[22]/MCOB0/ USB_PWRD/ MAT1[0] 28[1] I/O P1[22] — General purpose digital input/output pin. O MCOB0 — Motor control PWM channel 0, output B. I USB_PWRD — Power Status for USB port (host power switch). (LPC1759/58/56/54 only). O MAT1[0] — Match output for Timer 1, channel 0. P1[23]/MCI1/ PWM1[4]/MISO0 29[1] I/O P1[23] — General purpose digital input/output pin. I MCI1 — Motor control PWM channel 1, input. Also Quadrature Encoder Interface PHB input. O PWM1[4] — Pulse Width Modulator 1, channel 4 output. I/O MISO0 — Master In Slave Out for SSP0. P1[24]/MCI2/ PWM1[5]/MOSI0 30[1] I/O P1[24] — General purpose digital input/output pin. I MCI2 — Motor control PWM channel 2, input. Also Quadrature Encoder Interface INDEX input. O PWM1[5] — Pulse Width Modulator 1, channel 5 output. I/O MOSI0 — Master Out Slave in for SSP0. P1[25]/MCOA1/ MAT1[1] 31[1] I/O P1[25] — General purpose digital input/output pin. O MCOA1 — Motor control PWM channel 1, output A. O MAT1[1] — Match output for Timer 1, channel 1. P1[26]/MCOB1/ PWM1[6]/CAP0[0] 32[1] I/O P1[26] — General purpose digital input/output pin. O MCOB1 — Motor control PWM channel 1, output B. O PWM1[6] — Pulse Width Modulator 1, channel 6 output. I CAP0[0] — Capture input for Timer 0, channel 0. P1[28]/MCOA2/ PCAP1[0]/ MAT0[0] 35[1] I/O P1[28] — General purpose digital input/output pin. O MCOA2 — Motor control PWM channel 2, output A. I PCAP1[0] — Capture input for PWM1, channel 0. O MAT0[0] — Match output for Timer 0, channel 0. P1[29]/MCOB2/ PCAP1[1]/ MAT0[1] 36[1] I/O P1[29] — General purpose digital input/output pin. O MCOB2 — Motor control PWM channel 2, output B. I PCAP1[1] — Capture input for PWM1, channel 1. O MAT0[1] — Match output for Timer 0, channel 1. Table 3. Pin description …continued Symbol Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |