Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2155YML
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2155YML Datasheet HTML 5Page - Micrel Semiconductor MIC2155YML Datasheet HTML 6Page - Micrel Semiconductor MIC2155YML Datasheet HTML 7Page - Micrel Semiconductor MIC2155YML Datasheet HTML 8Page - Micrel Semiconductor MIC2155YML Datasheet HTML 9Page - Micrel Semiconductor MIC2155YML Datasheet HTML 10Page - Micrel Semiconductor MIC2155YML Datasheet HTML 11Page - Micrel Semiconductor MIC2155YML Datasheet HTML 12Page - Micrel Semiconductor MIC2155YML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
9
M9999-111209-B
Typical Characteristics
3.90
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
TEMPERATURE (°C)
VIN1 UVLO Threshold
UVLO Rising
UVLO Falling
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
TEMPERATURE (°C)
VIN2 UVLO Threshold
UVLO Rising
UVLO Falling
0
1
2
3
4
5
6
7
8
9
4
6
8
1012
1416
INPUT VOLTAGE (V)
Quiescent Current 1
vs. Input Voltage
No Switching
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
4
6
8
1012
1416
INPUT VOLTAGE (V)
Quiescent Current 2
vs. Input Voltage
No Switching
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
4
6
8
1012
1416
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
ENABLE1,2 = 0V
IQ1
IQ2
0.88
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
TEMPERATURE (°C)
Enable Threshold
vs. Temperature
V
IN
= 12V
CH1 Rising
CH1 Falling
CH2 Rising
CH2 Falling
-2.5
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
4
6
8
1012
1416
INPUT VOLTAGE (V)
Change in Switching Frequency
vs. Input Voltage
-14
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
4.00
TEMPERATURE (°C)
Change in Switching Frequency
vs. Temperature
V
IN
= 12V
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
TEMPERATURE (°C)
V
DD
vs. Temperature
No Switching
V
IN
= 12V
V
IN
= 5V
3.0
3.5
4.0
4.5
5.0
5.5
0
102030 40 506070
LOAD (mA)
V
DD
vs. Load
No Switching
V
IN
= 12V
V
IN
= 5V
3.0
3.5
4.0
4.5
5.0
5.5
4
6
8
1012
1416
INPUT VOLTAGE (V)
V
DD
vs. Input Voltage
No Switching
0.6960
0.6965
0.6970
0.6975
0.6980
0.6985
0.6990
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
V
IN
= 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com