Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # MIC2155YML
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button MIC2155YML Datasheet HTML 27Page - Micrel Semiconductor MIC2155YML Datasheet HTML 28Page - Micrel Semiconductor MIC2155YML Datasheet HTML 29Page - Micrel Semiconductor MIC2155YML Datasheet HTML 30Page - Micrel Semiconductor MIC2155YML Datasheet HTML 31Page - Micrel Semiconductor MIC2155YML Datasheet HTML 32Page - Micrel Semiconductor MIC2155YML Datasheet HTML 33Page - Micrel Semiconductor MIC2155YML Datasheet HTML 34Page - Micrel Semiconductor MIC2155YML Datasheet HTML 35Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
33
M9999-111209-B
200
100
0
-100
-200
FREQUENCY
10
100
1k
10k 100k
1M
Gain
Phase
fZERO = 10kHz
fC = 50kHz
Phase margin = 80°
134.17466
-179.9424
bb(f)
Figure 29. Compensated Current Sharing Loop Gain/Phase
General Layout and Component Placement
There are three basic types of currents in a switching
power supply – high di/dt, moderate di/dt and DC.
Examples of each are shown in Figure 30.
Figure 30. Current Diagram
In a buck converter, high di/dt currents in the 0.5A/ns
range are generated by MOSFETs switching on and off.
These fast switching currents flow in the high and low-
side MOSFETs, external freewheeling schottky diode
and the input capacitor. Fast switching currents also flow
in the gate drive and return etch between the controller
and the power FETs. At that switching speed at 10nH
piece of etch generates 5V across itself. Therefore,
attention to proper layout techniques is essential. Traces
that have high di/dt currents must be kept short and
wide. Additionally a power ground plane should be used
on an adjacent layer to help minimize etch inductance.
Figure 31 shows a layout example that minimizes
inductance.
Figure 31. Layout
Moderate di/dt currents flow in the inductor and output
capacitor. Although layout is not as critical, it is still
important to minimize inductance by using short, wide
traces and a ground plane. Figure 31 shows the etch
connecting the inductor to the output is shaped to force
current to flow past the output capacitor before reaching
the output terminal (or output load). This minimizes the
series inductance between the inductor and the
capacitor, which improves the ability of the capacitor to
filter ripple. Additionally, the inductor current has a large
DC component and requires a wide trace to minimize
voltage drop and power dissipation.
DC currents in a high-current buck converter require
wide etch paths to minimize voltage drop and power
dissipation. The input and output current are mainly DC.
At or near maximum output power, the inductor current
is also predominately DC and requires ample etch to
reduce copper loss, reduce temperature rise and
improve efficiency. Minimizing voltage drops in the
output and ground path helps improve output voltage
regulation for configurations without remote voltage
sensing.
The gate drive connections to both the high-side and
low-side MOSFETs must each have their own return
current path. The high-side MOSFET’s source is
connected to the switch node and returns back to the
controller’s SW1 or SW2 pin. The high-side gate drive
and return (switch node) traces should be routed on top
of each other on adjacent layers to minimize inductance.
These traces swing between VIN and ground and should
be routed away from low-voltage and noise-sensitive
analog etch or components. The low-side MOSFET
return path is power ground. High di/dt currents flow in
the low-side gate drive and return paths. These must be
kept away from noise sensitive signal traces and signal
ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com