Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2155YML
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2155YML Datasheet HTML 1Page - Micrel Semiconductor MIC2155YML Datasheet HTML 2Page - Micrel Semiconductor MIC2155YML Datasheet HTML 3Page - Micrel Semiconductor MIC2155YML Datasheet HTML 4Page - Micrel Semiconductor MIC2155YML Datasheet HTML 5Page - Micrel Semiconductor MIC2155YML Datasheet HTML 6Page - Micrel Semiconductor MIC2155YML Datasheet HTML 7Page - Micrel Semiconductor MIC2155YML Datasheet HTML 8Page - Micrel Semiconductor MIC2155YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
MIC2155/2156
Two-Phase, Single-Output, PWM
Synchronous Buck Control IC
MLF and MicroLead Frame are registered trademarks of Amkor Technologies
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2009
M9999-111209-B
General Description
The MIC2155 and MIC2156 are a family of two-phase,
single-output synchronous buck control ICs featuring small
size, high efficiency, and a high level of flexibility. The ICs
implement a 500kHz (MIC2155) and 300kHz (MIC2156)
voltage mode PWM control, with the outputs switching
180
° out of phase. The result of the out-of-phase operation
is 1MHz (or 600kHz) input ripple with ripple current
cancellation,
minimizing
the
required
input
filter
capacitance. A 1% output voltage tolerance allows the
maximum level of system performance. Internal drivers
with adaptive gate drive allow the highest efficiency with
the minimum external components.
Two independent enable pins and a power good output
are provided, allowing a high level of control and
sequencing capability.
The MIC215x family has a junction operating range from
-40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Synchronous buck control ICs with outputs switching
180
° out-of-phase
• Remote sensing with internal differential amplifier
• 4.5V to 14.5V input voltage range
• Adjustable output voltages down to 0.7V
• 1% output voltage accuracy
• Starts up into a pre-biased output
• 500kHz PWM operation (MIC2155)
• 300kHz PWM operation (MIC2156)
• Adaptive gate drive allows efficiencies over 95%
• Adjustable current limit with no sense resistor
• Senses low-side MOSFET current
• Internal drivers allow 25A per phase
• Power Good output allow simple sequencing
• Dual enables with micro-power shutdown and UVLO
• Programmable soft-start pin
• Output over-voltage protection
• Works with ceramic output capacitors
• Multi-input supply capability
• Single-output high-current capability with master/slave
current sharing
• External synchronization
• Small footprint 32-pin 5mm × 5mm MLF®
• Junction temperature range of -40°C to +125°C
Applications
• Multi-output power supplies with sequencing
• DSP, FPGA, CPU and ASIC power supplies
• DSL modems
• Telecom and networking equipment
• Servers


Similar Part No. - MIC2155YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2155YML MICREL-MIC2155YML Datasheet
644Kb / 33P
2-Phase, Single Output, PWM Synchronous Buck Control IC
More results

Similar Description - MIC2155YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2155 MICREL-MIC2155 Datasheet
644Kb / 33P
2-Phase, Single Output, PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2150 MICREL-MIC2150 Datasheet
803Kb / 27P
2-Phase Dual Output PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com