Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MIC2155YML
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC2155YML Datasheet HTML 16Page - Micrel Semiconductor MIC2155YML Datasheet HTML 17Page - Micrel Semiconductor MIC2155YML Datasheet HTML 18Page - Micrel Semiconductor MIC2155YML Datasheet HTML 19Page - Micrel Semiconductor MIC2155YML Datasheet HTML 20Page - Micrel Semiconductor MIC2155YML Datasheet HTML 21Page - Micrel Semiconductor MIC2155YML Datasheet HTML 22Page - Micrel Semiconductor MIC2155YML Datasheet HTML 23Page - Micrel Semiconductor MIC2155YML Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
20
M9999-111209-B
Output2 Inductor and
Winding Resistance
RL2
L2
VREF
E/A 1
E/A 2
PWM 1
Driver
PWM 2
Driver
Q1
Q2
Q3
Q4
VIN
VIN
10mV
Output1 Inductor and
Winding Resistance
RL1
IL
CO
–
+VS
L1
C1
R1
C2
R2
MIC2155/56
IL
Figure 18. Current Sharing Diagram
Startup into a Pre-Biased Output
Soft start circuitry in a conventional synchronous buck
regulator forces the regulator to start up by initially
operating at a minimum duty cycle and gradually
increasing the duty cycle until the output voltage reaches
regulation. In a synchronous buck power supply, a
narrow duty cycle means the low-side MOSFET is on for
most of the switching period. If the output voltage is not
0V, the wide on time of the low-side MOSFET may
discharge the output and cause high reverse current to
flow in the inductor.
The MIC2155/6 is designed to turn on into a pre-biased
output without discharging the output. Circuitry in the
controller monitors the input and output voltage and
forces the soft start circuit to initially operate at the
proper duty cycle. This allows the output to turn on in a
controlled fashion without discharging the output. The
minimum output voltage for proper operation of the pre-
bias startup circuitry is 0.6V. If VOUT is less than 0.6V, a
partial discharge of VOUT may occur.
Separate Input Supplies
The MIC2155/6 can operate from two different input
supplies with different voltages. Each of the two
channels can have a different input voltage and still
share current. This allows the supply to draw power from
more than one supply.
The controller will force the output current to be equal.
Since the output voltage and currents of the two
channels are the same, the input power drawn from
each supply will approximately be the same. The input
currents will be inversely proportional to the input
voltages of each supply. For example, if the total output
power is 50W and efficiency is 91%, the total input
power from both supplies is:
W
55
9
.
0
50
P
P
OUT
IN
=
=
η
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com