Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MIC2155YML
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MIC2155YML Datasheet HTML 25Page - Micrel Semiconductor MIC2155YML Datasheet HTML 26Page - Micrel Semiconductor MIC2155YML Datasheet HTML 27Page - Micrel Semiconductor MIC2155YML Datasheet HTML 28Page - Micrel Semiconductor MIC2155YML Datasheet HTML 29Page - Micrel Semiconductor MIC2155YML Datasheet HTML 30Page - Micrel Semiconductor MIC2155YML Datasheet HTML 31Page - Micrel Semiconductor MIC2155YML Datasheet HTML 32Page - Micrel Semiconductor MIC2155YML Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
29
M9999-111209-B
The Modulator Gain is proportional to the input voltage
and inversely proportional to the internal ramp voltage
generated by the oscillator. The MIC2155/6 peak-peak
ramp voltage is 1V:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
RAMP
IN
MOD
V
V
G
The output voltage divider attenuates VOUT and feeds it
back to the error amplifier. The divider gain is:
OUT
REF
V
V
4
R
1
R
4
R
H
=
+
=
The modulator, filter and voltage divider gains can be
multiplied together to show the open loop gain of these
parts:
MOD
FILTER
VD
G
H
)
s
(
G
)
s
(
G
×
×
=
This transfer function is plotted in Figure 25. At low
frequency, the transfer function gain equals the
modulator gain times the voltage divider gain. As the
frequency increases toward the LC filter resonant
frequency, the gain starts to peak. The increase in the
gain’s amplitude equals Q. Just above the resonant
frequency, the gain drops at a -40db/decade rate. The
phase quickly drops from 0° to almost 180° before the
phase boost of the zero brings it back up to -90°. Higher
values of Q will cause the phase to drop quickly. In a
well damped, low Q system the phase will change more
slowly.
90
45
0
-45
-90
-135
-180
FREQUENCY
10
100
1k
10k 100k
1M
Gain
Phase
Figure 25. GVD Transfer Function
As the frequency approaches the zero frequency (Fz),
formed by Co and it’s ESR, the slope of the gain curve
changes from -40db/dec. to -20db/dec and the phase
increases. The zero causes a 90° phase boost. Ceramic
capacitors, with their smaller values of capacitance and
ESR, push the zero and its phase boost out to higher
frequencies, which allow the phase lag from the LC filter
to drop closer to -180°. The system will be close to being
unstable if the overall open loop gain crosses 0dB while
the phase is close to -180°. If the output capacitance
and/or ESR is high, the zero moves lower in frequency
and helps to boost the phase, leading to a more stable
system.
The error amplifier is a type III which has two zeros, two
poles and a pole at the origin. This type of error amplifier
works well when Ceramic output capacitors make up the
majority of COUT because it introduces an extra zero that
helps improve phase margin:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
ω
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
ω
+
ω
⎟
⎠
⎞
⎜
⎝
⎛
ω
+
⎟
⎠
⎞
⎜
⎝
⎛
ω
+
=
2
p
s
1
1
p
s
1
po
s
2
z
s
1
1
z
s
1
)
s
(
Gea
Where:
3
C
3
R
1
2
p
2
R
2
C
1
C
2
C
1
C
1
1
p
1
C
1
R
1
po
3
C
)
3
R
1
R
(
1
2
z
2
C
2
R
1
1
z
×
=
ω
⋅
+
×
=
ω
×
=
ω
⋅
+
=
ω
×
=
ω
Figure 26 shows the bode plot of the error amplifier
transfer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com