Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # MIC2155YML
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button MIC2155YML Datasheet HTML 26Page - Micrel Semiconductor MIC2155YML Datasheet HTML 27Page - Micrel Semiconductor MIC2155YML Datasheet HTML 28Page - Micrel Semiconductor MIC2155YML Datasheet HTML 29Page - Micrel Semiconductor MIC2155YML Datasheet HTML 30Page - Micrel Semiconductor MIC2155YML Datasheet HTML 31Page - Micrel Semiconductor MIC2155YML Datasheet HTML 32Page - Micrel Semiconductor MIC2155YML Datasheet HTML 33Page - Micrel Semiconductor MIC2155YML Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
30
M9999-111209-B
Z1
1
2
π
. R2
.
C2
.
Z2
1
2
π
.
R1
R3
()
.
C3
.
P1
1
2
π
.
C2 C1
.
C2
C1
.
R2
.
P2
1
2
π
. R3
.
C3
.
20 log
R2
R1
.
2
1
2
1
0
C
R
Z
⋅
⋅
⋅
=
π
Figure 26. Type III Error Amplifier Gain/Phase
Error Amplifier Design Procedure
Step 1: Decide on the crossover frequency
To maximize transient response, the open loop
bandwidth should be made reasonably high. Initially, the
bandwidth can be selected to be 1/10 of the output
switching frequency. This may be improved once the
design is built and measurements are made. An initial
bandwidth of 100kHz for the 2155 and 60kHz for the
2156 are good choices.
Step 2: Determine the gain required at the crossover
frequency
GBoost is how much gain boost is needed so the open
loop transfer function crosses 0dB at the pre-determined
crossover frequency. This can be measured by plotting
the GVD(s) transfer function or can be estimated with the
following formula:
⎟
⎠
⎞
⎜
⎝
⎛
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
fz
fc
fc
fo
V
V
H
1
G
2
M
IN
Boost
Where: fo = LC filter resonant frequency
fc= open loop bandwidth chosen in Step 1
fz = zero formed by COUT and its ESR
H = voltage divider attenuation
VM=amplitude of the internal sawtooth ramp (VM=1)
VIN= Input voltage to the power supply
Step 3: Determine the gain boost needed at the
crossover frequency (fc)
Typically, 50° of phase margin can be used for most
applications. This is a good tradeoff between an
overdamped system (slower response to transients) and
an underdamped system (overshoot or unstable
response to transients). It also allows some margin for
component tolerances and variations due to ambient
temperature changes. The phase margin at the
crossover frequency (fc) can be determined by plotting
the GVD(s) phase on a bode plot or can be estimated
with the following formula:
⎥⎦
⎤
⎢⎣
⎡
+
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
−
×
=
ϕ
−
−
fz
fc
tan
fo
fc
1
fo
Q
fc
tan
1
2
1
M
The additional phase boost required from the error
amplifier is:
M
Boost
52
ϕ
−
°
=
ϕ
Step 4: Determine the frequencies fz2 and fp1
The frequencies for the zero and pole (fz2 and fp1) are
calculated for the desired amount of phase boost at the
crossover frequency (fc):
[]
[]
[]
[]
Boost
Boost
Boost
Boost
sin
1
sin
1
fc
1
fp
sin
1
sin
1
fc
2
fz
ϕ
−
ϕ
+
×
=
ϕ
+
ϕ
−
×
=
Step 5: Determine the frequency for fz1
The low-frequency zero, fz1, is initially set to one-fifth of
the LC resonant frequency. If it is set too low, it will force
the low frequency gain to be low and impact transient
response. If set too high, it will not add enough phase
boost at the LC resonant frequency. This could cause
conditional stability, which when the phase drops below -
180° before the gain crosses 0dB. If the DC gain should
drop in this situation, this may lead to an unstable
system.
5
fo
2
fz
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com