Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC2155YML
Description  Two-Phase, Single-Output, PWM Synchronous Buck Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC2155YML Datasheet HTML 23Page - Micrel Semiconductor MIC2155YML Datasheet HTML 24Page - Micrel Semiconductor MIC2155YML Datasheet HTML 25Page - Micrel Semiconductor MIC2155YML Datasheet HTML 26Page - Micrel Semiconductor MIC2155YML Datasheet HTML 27Page - Micrel Semiconductor MIC2155YML Datasheet HTML 28Page - Micrel Semiconductor MIC2155YML Datasheet HTML 29Page - Micrel Semiconductor MIC2155YML Datasheet HTML 30Page - Micrel Semiconductor MIC2155YML Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Micrel, Inc.
MIC2155/2156
November 2009
27
M9999-111209-B
One method of reducing the ringing is to use a resistor
and capacitor to lower the Q of the resonant circuit. The
circuit in Figure 23 shows the resistor in between the
switch node and ground. Capacitor Cs is used to block
DC and minimize the power dissipation in the resistor.
This capacitor value should be between 5 and 10 times
the parasitic capacitance of the MOSFET COSS. A
capacitor that is too small will have high impedance and
prevent the resistor from damping the ringing. A
capacitor that is too large causes unnecessary power
dissipation in the resistor, which lowers efficiency.
The snubber components should be placed as close as
possible to the low-side MOSFET and/or external
schottky diode since in contributes to most of the stray
capacitance. Placing the snubber too far from the FET or
using etch that is too long or thin will add inductance to
the snubber and diminishes its effectiveness.
A proper snubber design requires the parasitic
inductance and capacitance be known. A method of
determining these values and calculating the damping
resistor value is outlined below.
1. Measure the ringing frequency at the switch node
which is determined by parasitic LP and CP. Define this
frequency as f1.
2. Add a capacitor CS (normally at least 3 times as big as
the COSS of the FET) from the switch node to ground and
measure the new ringing frequency. Define this new
(lower) frequency as f2. LP and CP can now be solved
using the values of f1, f2 and CS.
3. Add a resistor RS in series with
to generate critical
damping.
S
C
Step 1:
First measure the ringing frequency on the
switch node voltage when the high-side MOSFET turns
on. This ringing is characterized by the equation:
P
P
1
C
L
2
1
f
×
π
=
Where:
CP and LP are the parasitic capacitance and
inductance
Step 2:
Add a capacitor, CS, in parallel with the
synchronous MOSFET, Q2. The capacitor value should
be approximately 3 times the COSS of Q2. Measure the
frequency of the switch node ringing, f2:
)
Cp
Cs
(
Lp
2
1
f2
+
×
π
=
Define f’ as:
2
1
'
f
f
f
=
Combining the equations for f1, f2 and f’ to derive CP, the
parasitic capacitance:
1
)
f
(
2
C
C
2
'
S
P
−
×
=
LP is solved by re-arranging the equation for f1:
()
2
1
P
2
P
)
f
(
C
2
1
L
×
×
π
=
Step 3:
Calculate the damping resistor.
Critical damping occurs at Q = 1:
1
C
L
R
1
Q
S
P
S
=
=
Solving for RS
S
P
S
C
L
R
=
Figure 23 shows the snubber in the circuit and the
damped switch node waveform.
CS
RS
RDS
LSTRAY1
LSTRAY2
LSTRAY3
LSTRAY4
COSS2
Figure 23. Snubber Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com