Electronic Components Datasheet Search
  English  ▼

X  

LTC2978 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 14Page - Linear Technology LTC2978 Datasheet HTML 15Page - Linear Technology LTC2978 Datasheet HTML 16Page - Linear Technology LTC2978 Datasheet HTML 17Page - Linear Technology LTC2978 Datasheet HTML 18Page - Linear Technology LTC2978 Datasheet HTML 19Page - Linear Technology LTC2978 Datasheet HTML 20Page - Linear Technology LTC2978 Datasheet HTML 21Page - Linear Technology LTC2978 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
LTC2978

2978fa
REGISTER COMMAND SET
Summary
COMMAND FUNCTION
DESCRIPTION
R/W
DATA
LENGTH
(BITS)
COMMAND
BYTE VALUE
NV
MEMORY
TYPE
DEFAULT
VALUE
PAGED
?
PAGE
R/W
8
‘h00
‘h00
N
OPERATION
Operating mode control.
R/W
8
‘h01
EEPROM
‘h00
Y
ON_OFF_CONFIG
CONTROL pin and PMBus bus on/off
command setting.
R/W
8
‘h02
EEPROM
‘h12
Y
CLEAR_FAULTS
CLEAR_FAULTS is used to clear any fault
bits that have been set.
W
0
‘h03
NA
Y
WRITE_PROTECT
Provides protection against accidental
changes.
R/W
8
‘h10
EEPROM
‘h00
N
STORE_USER_ALL
Store entire operating memory to
EEPROM.
W
0
‘h15
NA
N
RESTORE_USER_ALL
Restore entire operating memory from
EEPROM.
W
0
‘h16
NA
N
CAPABILITY
The CAPABILITY command provides a
way for a host system to determine the
capabilities of the PMBus device.
R
8
‘h19
ROM
‘hE0
N
VOUT_MODE
Output voltage format control.
R
8
‘h20
ROM
‘h13
Y
VOUT_COMMAND
Servo DC/DC converter output voltage
value setting.
R/W
16
‘h21
EEPROM
‘h2000
Y
VOUT_MAX
The VOUT_MAX command sets an upper
limit on the output voltage, in volts, the
unit can command regardless of any other
commands or combinations.
R/W
16
‘h24
EEPROM
‘h8000
Y
VOUT_MARGIN_HIGH
Margin high DC/DC converter output
voltage limit setting.
R/W
16
‘h25
EEPROM
‘h219A
Y
VOUT_MARGIN_LOW
Margin low DC/DC converter output
voltage limit setting.
R/W
16
‘h26
EEPROM
‘h1E66
Y
VIN_ON
The VIN_ON command sets the input
voltage, in volts, at which the unit should
start power conversion.
R/W
16
‘h35
EEPROM
‘hD280
N
VIN_OFF
The VIN_OFF command sets the input
voltage, in volts, at which the unit should
stop power conversion.
R/W
16
‘h36
EEPROM
‘hD240
N
VOUT_OV_FAULT_LIMIT
Overvoltage DC/DC converter fault limit
setting.
R/W
16
‘h40
EEPROM
‘h2333
Y
VOUT_OV_FAULT_RESPONSE
The VOUT_OV_FAULT_RESPONSE
command instructs the device on what
action to take in response to an output
overvoltage fault.
R/W
8
‘h41
EEPROM
‘h80
Y
VOUT_OV_WARN_LIMIT
Overvoltage DC/DC converter warning limit
setting.
R/W
16
‘h42
EEPROM
‘h2266
Y
VOUT_UV_WARN_LIMIT
Undervoltage DC/DC converter warning
limit setting.
R/W
16
‘h43
EEPROM
‘h1D9A
Y
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com