| Electronic Components Datasheet Search |
|
LTC2978 Datasheet(PDF) 32 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2978 Datasheet(HTML) 32 Page - Linear Technology |
|
32 / 64 page ![]() LTC2978 2978fa operaTion STATUS_VOUT The STATUS_VOUT command returns the summary of the voltage faults or warnings which have occurred, as shown in the following table: STATUS_VOUT Data Contents BIT(S) SYMBOL OPERATION b[7] Status_vout_ov_fault Overvoltage fault. b[6] Status_vout_ov_warn Overvoltage warning. b[5] Status_vout_uv_warn Undervoltage warning b[4] Status_vout_uv_fault Undervoltage fault. b[3] Status_vout_max_fault VOUT_MAX fault. An attempt has been made to set the output voltage to a value higher than allowed by the VOUT_MAX command. b[2] Status_vout_ton_max_fault TON_MAX_FAULT sequencing fault. b[1] Status_vout_toff_max_warn Not supported. Always returns 0. b[0] Status_vout_tracking_error Not supported. Always returns 0. STATUS_INPUT The STATUS_INPUT command returns the summary of the VIN faults or warnings which have occurred, as shown in the following table: STATUS_INPUT Data Contents BIT(S) SYMBOL OPERATION b[7] Status_input_ov_fault VIN Overvoltage fault b[6] Status_input_ov_warn VIN Overvoltage warning b[5] Status_input_uv_warn VIN Undervoltage warning b[4] Status_input_uv_fault VIN Undervoltage fault b[3] Status_input_off Unit is off for insufficient input voltage. b[2] IIN overcurrent fault Not supported. Always returns 0. b[1] IIN overcurrent warn Not supported. Always returns 0. b[0] PIN overpower warn Not supported. Always returns 0. STATUS_TEMPERATURE The STATUS_TEMPERATURE command returns the sum- mary of the temperature faults or warnings which have occurred, as shown in the following table: STATUS_TEMPERATURE Data Contents Bit(s) Symbol Operation b[7] Status_temperature_ot_fault Overtemperature fault. b[6] Status_temperature_ot_warn Overtemperature warning. b[5] Status_temperature_ut_warn Undertemperature warning. b[4] Status_temperature_ut_fault Undertemperature fault. b[3] Reserved Reserved. Always returns 0. b[2] Reserved Reserved. Always returns 0. b[1] Reserved Reserved. Always returns 0. b[0] Reserved Reserved. Always returns 0. STATUS_CML The STATUS_CML command returns the summary of the communication, memory and logic faults or warnings which have occurred, as shown in the following table: STATUS_CML Data Contents BIT(S) SYMBOL OPERATION b[7] Status_cml_cmd_fault 1 = An illegal or unsupported command fault has occurred. 0 = No fault has occurred. b[6] Status_cml_data_fault 1 = Illegal or unsupported data received. 0 = No fault has occurred. b[5] Status_cml_pec_fault 1 = A PEC fault has occurred. 0 = No fault has occurred. b[4] Status_cml_memory_fault 1 = A fault has occurred in the NVM. 0 = No fault has occurred. b[3] Status_cml_processor_fault Not supported, always returns 0. b[2] Reserved Not supported, always returns 0. b[1] Status_cml_PMBus_fault 1 = A communication fault other than ones listed in this table has occurred. 0 = No fault has occurred. b[0] Status_cml_unknown_fault Not supported, always returns 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |