Electronic Components Datasheet Search
  English  ▼

X  

LTC2978 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 41Page - Linear Technology LTC2978 Datasheet HTML 42Page - Linear Technology LTC2978 Datasheet HTML 43Page - Linear Technology LTC2978 Datasheet HTML 44Page - Linear Technology LTC2978 Datasheet HTML 45Page - Linear Technology LTC2978 Datasheet HTML 46Page - Linear Technology LTC2978 Datasheet HTML 47Page - Linear Technology LTC2978 Datasheet HTML 48Page - Linear Technology LTC2978 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
LTC2978

2978fa
operaTion
MFR_VOUT_DISCHARGE_THRESHOLD
This register contains the coefficient that multiplies
VOUT_COMMAND in order to determine the OFF thresh-
old voltage for the associated output. If the output volt-
age has not decayed below MFR_VOUT_DISCHARGE_
THRESHOLD • VOUT_COMMAND prior to the channel
being commanded to enter/re-enter the ON state, bit [7]
in the STATUS_MFR_SPECIFIC register will be set and the
ALERTB pin will be asserted low. In addition, the channel
will not enter the ON state until the output has decayed
below its OFF threshold voltage.
Other channels can be held off if a particular output has
failed to discharge by using the bidirectional FAULTzn pins
(refertotheMFR_FAULTBzn_RESPONSEandMFR_FAULT-
Bzn_PROPAGATE registers).
MFR_VOUT_DISCHARGE_THRESHOLD Data Contents
BIT(S)
SYMBOL
OPERATION
b[15:0]
Mfr_vout_discharge_
threshold
The data uses the linear format:
k = Y • 2N
Where N=b[15:11] is a 5-bit two’s
complement integer and Y= b[10:0]
is an 11-bit two’s complement
integer.
Units: Dimensionless, this register
contains a coefficient.
MFR_FAULT_LOG_STORE
This command allows the user to transfer data from the
RAM buffer to EEPROM.
MFR_FAULT_LOG_RESTORE
This command allows the user to transfer a copy of the
fault-log data from the EEPROM to the RAM buffer. After
a restore the RAM buffer is locked until a successful
Mfr_fault_log read.
MFR_FAULT_LOG_CLEAR
This command initializes the EEPROM block reserved for
fault logging. Any previous fault log stored in EEPROM
will be erased by this operation.
MFR_FAULT_LOG_STATUS
Read only. This register is used to manage fault log
events.
Mfr_fault_log_status_eeprom is set after a MFR_FAULT_
LOG_STORE command or a faulted-off event triggers a
transfer of the fault log from RAM to EEPROM. This bit is
cleared by a MFR_FAULT_LOG_CLEAR command.
Mfr_fault_log_status_ram is set after a MFR_FAULT_
LOG_RESTORE to indicate that the data in the RAM has
been restored from EEPROM and not yet read using a
MFR_FAULT_LOG command. This bit is cleared by a
MFR_FAULT_LOG command.
MFR_FAULT_LOG_STATUS Data Contents
BIT(S) SYMBOL
OPERATION
b[1] Mfr_fault_log_status_ram
Fault log RAM status:
0: The fault log RAM allows
updates.
1: The fault log RAM is locked
until the next Mfr_fault_log
read.
b[0] Mfr_fault_log_status_eeprom Fault log EEPROM status:
0: The transfer of the fault log
RAM to the EEPROM is enabled.
1: The transfer of the fault
log RAM to the EEPROM is
inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com