Electronic Components Datasheet Search
  English  ▼

X  

LTC2978 Datasheet(PDF) 48 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 48 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 44Page - Linear Technology LTC2978 Datasheet HTML 45Page - Linear Technology LTC2978 Datasheet HTML 46Page - Linear Technology LTC2978 Datasheet HTML 47Page - Linear Technology LTC2978 Datasheet HTML 48Page - Linear Technology LTC2978 Datasheet HTML 49Page - Linear Technology LTC2978 Datasheet HTML 50Page - Linear Technology LTC2978 Datasheet HTML 51Page - Linear Technology LTC2978 Datasheet HTML 52Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
LTC2978

2978fa
operaTion
MFR_VOUT_MIN
This command returns the minimum ADC measured value
of the channel’s output voltage. The contents of this reg-
ister is reset to ‘hFFFF when the LTC2978 emerges from
power-on reset or when a CLEAR_FAULTS command is
executed. When odd channels are configured to measure
current, this command is not supported.
MFR_VOUT_MIN Data Contents
BIT(S)
SYMBOL
OPERATION
b[15:0]
Mfr_vout_min
The data uses the linear mode format
as defined by VOUT_MODE:
V(mfr_vout_min) = Y • 2N
Where Y = b[15:0] is an unsigned
integer and N = Vout_mode_parameter
is a 5-bit two’s complement exponent
that’s hardwired to a value of –13
decimal.
Units: V.
MFR_VIN_MIN
This command returns the minimum ADC measured value
of the input voltage. The contents of this register is reset
to ‘h7BFF when the LTC2978 emerges from power-on
reset or when a CLEAR_FAULTS command is executed.
Updates are disabled when unit is off for insufficient input
voltage.
MFR_VIN_MIN Data Contents
BIT(S)
SYMBOL
OPERATION
b[15:0]
Mfr_vin_min
The data uses the linear format:
V(mfr_vin_min) = Y • 2N
Where N = b[15:11] is a 5-bit two’s
complement integer and
Y = b[10:0] is an 11-bit two’s
complement integer
Units: V.
MFR_TEMPERATURE_MIN
This command returns the minimum ADC measured
value of junction temperature in °C as determined by the
LTC2978’s internal temperature sensor. The contents of
this register is reset to ‘h7BFF when the LTC2978 emerges
from power-on reset or when a CLEAR_FAULTS command
is executed.
MFR_TEMPERATURE_MIN Data Contents
BIT(S)
SYMBOL
OPERATION
b[15:0] Mfr_temperature_min The data uses the linear format:
V(mfr_vin_min) = Y • 2N
Where N = b[15:11] is a 5-bit two’s
complement integer and
Y = b[10:0] is an 11-bit two’s
complement integer
Units: °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com