Electronic Components Datasheet Search
  English  ▼

X  

LTC2978 Datasheet(PDF) 49 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 49 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 45Page - Linear Technology LTC2978 Datasheet HTML 46Page - Linear Technology LTC2978 Datasheet HTML 47Page - Linear Technology LTC2978 Datasheet HTML 48Page - Linear Technology LTC2978 Datasheet HTML 49Page - Linear Technology LTC2978 Datasheet HTML 50Page - Linear Technology LTC2978 Datasheet HTML 51Page - Linear Technology LTC2978 Datasheet HTML 52Page - Linear Technology LTC2978 Datasheet HTML 53Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
LTC2978

2978fa
operaTion
WATCHDOG
A non-zero write to the MFR_WATCHDOG_T register will
reset the watchdog timer. Low-to-high transitions on the
WDI pin also reset the watchdog timer. If the timer expires,
ALERTB is asserted and the PWRGD output is optionally
deasserted and then reasserted after MFR_PWRGD_AS-
SERTION_DELAYms.Writing0toeithertheMFR_WATCH-
DOG_T or MFR_WATCHDOG_T_FIRST registers will
disable the timer.
RESET
Holding the WDI pin low for more than tRESETB will cause
the LTC2978 to enter the power-on reset state. Following
the subsequent rising-edge of the WDI pin, the LTC2978
will execute its power-on sequence per the user configura-
tion stored in EEPROM.
WRITE-PROTECT PIN
The WP pin allows the user to write-protect the LTC2978’s
configuration registers. The WP pin is active high, and
when asserted it overrides the WRITE_PROTECT com-
mand register. All registers are write-protected by the
WP pin except for PAGE, OPERATION, CLEAR_FAULTS,
MFR_PAGE_FF_MASK and STORE_USER_ALL.
OTHER OPERATIONS
Clock Sharing
MultipleLTC2978scansynchronizetheirclocksinanappli-
cationbyconnectingtogethertheopen-drainSHARE_CLK
input/outputs to a pull-up resistor as a wired AND. In this
case the fastest clock will take over and synchronize all
LTC2978s.
The LTC2978 can be configured to respond to the
SHARE_CLK pin being held low by disabling all channels
after a brief de-glitch period. When the SHARE_CLK pin
is allowed to rise, the LTC2978 will respond by beginning
a soft-start sequence.
The LTC2978 can be configured to hold SHARE_CLK
low when the unit is off for insufficient input voltage by
writing b[3] = 1 “mfr_config_vin_share_enable” of the
MFR_CONFIG_ALL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com