Electronic Components Datasheet Search
  English  ▼

X  

LTC2978 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 29Page - Linear Technology LTC2978 Datasheet HTML 30Page - Linear Technology LTC2978 Datasheet HTML 31Page - Linear Technology LTC2978 Datasheet HTML 32Page - Linear Technology LTC2978 Datasheet HTML 33Page - Linear Technology LTC2978 Datasheet HTML 34Page - Linear Technology LTC2978 Datasheet HTML 35Page - Linear Technology LTC2978 Datasheet HTML 36Page - Linear Technology LTC2978 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
LTC2978

2978fa
operaTion
STATUS_MFR_SPECIFIC
TheSTATUS_MFR_SPECIFICcommandreturnsmanufac-
turer specific status flags. Bits marked FAULT = No are
intended to support polled handshaking; these are not
latched nor do they assert ALERTB. Bits marked Channel
= All can be read from any page. Bits marked FAULT = Yes
assert ALERTB low and are cleared by CLEAR_FAULTS.
STATUS_MFR_SPECIFIC Data Contents
BIT(S) SYMBOL
OPERATION
CHANNEL
FAULT
b[7]
Status_mfr_discharge
1 = A VOUT discharge fault occurred while attempting to enter the ON state
0 = No VOUT discharge fault has occurred
Current Page
Yes
b[6]
Status_mfr_fault1_in
This channel attempted to turn on while the FAULTBz1 pin was asserted low,
or this channel has shut down at least once in response to a FAULTBz1 pin
asserting low since the last CONTROLn pin toggle, OPERATION command
ON/OFF cycle or CLEAR_FAULTS command.
Current Page
Yes
b[5]
Status_mfr_fault0_in
This channel attempted to turn on while the FAULTBz0 pin was asserted low,
or this channel has shut down at least once in response to a FAULTBz0 pin
asserting low since the last CONTROLn pin toggle, OPERATION command
ON/OFF cycle or CLEAR_FAULTS command.
Current Page
Yes
b[4]
Status_mfr_servo_target_reached Servo target has been reached.
Current Page
No
b[3]
Status_mfr_dac_connected
DAC is connected and driving VDACP pin.
Current Page
No
b[2]
Status_mfr_dac_saturated
A previous servo operation terminated with maximum or minimum DAC
value.
Current Page
Yes
b[1]
Status_mfr_vinen_faulted_off
VIN_EN has been deasserted due to a VOUT fault.
All
No
b[0]
Status_mfr_watchdog_fault
1 = A watchdog fault has occurred.
0 = No watchdog fault has occurred.
All
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com