Electronic Components Datasheet Search
  English  ▼

X  

LTC2978 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 35Page - Linear Technology LTC2978 Datasheet HTML 36Page - Linear Technology LTC2978 Datasheet HTML 37Page - Linear Technology LTC2978 Datasheet HTML 38Page - Linear Technology LTC2978 Datasheet HTML 39Page - Linear Technology LTC2978 Datasheet HTML 40Page - Linear Technology LTC2978 Datasheet HTML 41Page - Linear Technology LTC2978 Datasheet HTML 42Page - Linear Technology LTC2978 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
LTC2978

2978fa
operaTion
MFR_FAULTB00_RESPONSE, MFR_FAULTB01_
RESPONSE, MFR_FAULTB10_RESPONSE and MFR_
FAULTB11_RESPONSE
These manufacturer specific commands share the same
format and specify the response to assertions of the bidi-
rectional fault pins. For fault zone 0, MFR_FAULTB00_RE-
SPONSE determines how channels 0-3 respond when
the FAULTB00 pin is asserted, and MFR_FAULTB01_
RESPONSE determines how channels 0-3 respond
when the FAULTB01 pin is asserted. For fault zone 1,
MFR_FAULTB10_RESPONSE determines how channels
4-7 respond when the FAULTB10 pin is asserted, and
MFR_FAULTB11_RESPONSE determines how channels
4-7 respond when the FAULTB11 pin is asserted. If one
or more bits in the MFR_FAULTBzn_RESPONSE registers
are set, a FAULTBzn assertion will cause the ALERTB pin to
assertlowandsettheappropriatebitintheSTATUS_MFR_
SPECIFIC register.
Data Contents—Fault Zone 0 Response Commands
BIT(S) SYMBOL
OPERATION
b[7:4] Reserved
Read only, always returns 0s.
b[3]
Mfr_faultb00_response_chan3,
Mfr_faultb01_response_chan3
Channel 3 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.
b[2]
Mfr_faultb00_response_chan2,
Mfr_faultb01_response_chan2
Channel 2 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.
b[1]
Mfr_faultb00_response_chan1,
Mfr_faultb01_response_chan1
Channel 1 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.
b[0]
Mfr_faultb00_response_chan0,
Mfr_faultb01_response_chan0
Channel 0 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.
Data Contents—Fault Zone 1 Response Commands
BIT(S) SYMBOL
OPERATION
b[7:4] Reserved
Read only, always returns 0s.
b[3] Mfr_faultb10_response_chan7,
Mfr_faultb11_response_chan7
Channel 7 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.
b[2] Mfr_faultb10_response_chan6,
Mfr_faultb11_response_chan6
Channel 6 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.
b[1] Mfr_faultb10_response_chan5,
Mfr_faultb11_response_chan5
Channel 5 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.
b[0] Mfr_faultb10_response_chan4,
Mfr_faultb11_response_chan4
Channel 4 response.
0: The channel continues operation without interruption.
1: The channel shuts down if the corresponding FAULTBzn pin is still asserted after 10µs. When the FAULTBzn
pin subsequently deasserts, the channel turns back on, honoring TON_DELAY and TON_RISE settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com