Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE98PW
Description  DDR memory module temp sensor, 3.3 V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98PW Datasheet(HTML) 2 Page - NXP Semiconductors

  SE98PW Datasheet HTML 1Page - NXP Semiconductors SE98PW Datasheet HTML 2Page - NXP Semiconductors SE98PW Datasheet HTML 3Page - NXP Semiconductors SE98PW Datasheet HTML 4Page - NXP Semiconductors SE98PW Datasheet HTML 5Page - NXP Semiconductors SE98PW Datasheet HTML 6Page - NXP Semiconductors SE98PW Datasheet HTML 7Page - NXP Semiconductors SE98PW Datasheet HTML 8Page - NXP Semiconductors SE98PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
SE98_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 February 2009
2 of 39
NXP Semiconductors
SE98
DDR memory module temp sensor, 3.3 V
2.
Features
2.1 General features
I JEDEC (JC-42.4) SO-DIMM temperature sensor
I Optimized for voltage range: 3.0 V to 3.6 V
I Shutdown/Standby current: 8 µA (typ.) and 15 µA (max.)
I 2-wire interface: I2C-bus/SMBus compatible, 0 Hz to 400 kHz
I SMBus ALERT and TIMEOUT (programmable)
I Available packages: TSSOP8 and HVSON8
2.2 Temperature sensor features
I Temperature-to-Digital converter
I Operating current: 200 µA (typ.) and 250 µA (max.)
I Programmable hysteresis threshold: 0 °C, 1.5 °C, 3 °C, 6 °C
I Over/under/critical temperature EVENT output
I C grade accuracy:
N ±1 °C/±2 °C (typ./max.) → +75 °C to +95 °C
N ±2 °C/±3 °C (typ./max.) → +40 °C to +125 °C
N ±3 °C/±4 °C (typ./max.) →−40 °C to +125 °C
3.
Applications
I DDR2 and DDR3 memory modules
I Laptops, personal computers and servers
I Enterprise networking
I Hard disk drives and other PC peripherals
4.
Ordering information
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
SE98PW
SE98
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 4.4 mm
SOT530-1
SE98TK
SE98
HVSON8
plastic thermal enhanced very thin small outline package;
no leads; 8 terminals; body 3
× 3 × 0.85 mm
SOT908-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com