Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SE98PW
Description  DDR memory module temp sensor, 3.3 V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SE98PW Datasheet HTML 7Page - NXP Semiconductors SE98PW Datasheet HTML 8Page - NXP Semiconductors SE98PW Datasheet HTML 9Page - NXP Semiconductors SE98PW Datasheet HTML 10Page - NXP Semiconductors SE98PW Datasheet HTML 11Page - NXP Semiconductors SE98PW Datasheet HTML 12Page - NXP Semiconductors SE98PW Datasheet HTML 13Page - NXP Semiconductors SE98PW Datasheet HTML 14Page - NXP Semiconductors SE98PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
SE98_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 February 2009
11 of 39
NXP Semiconductors
SE98
DDR memory module temp sensor, 3.3 V
7.7 SMBus time-out
The SE98 supports the SMBus time-out feature. If the host holds SCL LOW between
25 ms and 35 ms, the SE98 would reset its internal state machine to the bus idle state to
prevent the system bus hang-up. This feature is turned on by default. The SMBus time-out
is disabled by writing a logic 1 to bit 7 of register 22h.
Remark: When SMBus time-out is enabled, the I2C-bus minimum bus speed is limited by
the SMBus time-out timer, and goes down to only 10 kHz.
7.8 SMBus Alert
The SE98 supports SMBus Alert when it is programmed for the Interrupt mode and when
the EVENT polarity bit is set to logic 0. The EVENT pin can be ANDed with other EVENT
or ALERT signals from other slave devices to signal their intention to communicate with
the host controller. When the host detects EVENT or ALERT signal LOW, it issues an
Alert Response Address (ARA) to which a slave device would respond with its address.
When there are multiple slave devices generating an Alert the SE98 performs bus
arbitration. If it wins the bus, it responds to the ARA and then clears the EVENT pin.
Remark: Either in comparator mode or when the SE98 crosses the critical temperature,
the host must also read the EVENT status bit and provide remedy to the situation by
bringing the temperature to within the alarm window or below the critical temperature if
that bit is set. Otherwise, the EVENT pin will not get de-asserted.
Table 4.
Registers to be initialized
Register
Default value
Example value
Description
01h
0000h
0209h
Configuration register
• hysteresis = 1.5
°C
• EVENT output = Interrupt mode
• EVENT output is enabled
02h
0000h
0550h
Upper Boundary Alarm Trip register = 85
°C
03h
0000h
1F40h
Lower Boundary Alarm Trip register =
−20 °C
04h
0000h
05F0h
Critical Alarm Trip register = 95
°C
22h
0000h
0000h
SMBus register = no change
Fig 6.
How SE98 responds to SMBus Alert
0
0
0
1
1
A2
Alert Response Address
1
1
0
0
S
0
0
0
START bit
read
acknowledge
002aab330
A1
A0
0
1
P
device address
not acknowledge
STOP bit
host NACK and
sends a STOP bit
Slave acknowledges and
sends its slave address.
The last bit of slave address
is hard coded '0'.
master sends a START bit,
ARA and a read command
host detects
SMBus ALERT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com