Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SE98PW
Description  DDR memory module temp sensor, 3.3 V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98PW Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SE98PW Datasheet HTML 17Page - NXP Semiconductors SE98PW Datasheet HTML 18Page - NXP Semiconductors SE98PW Datasheet HTML 19Page - NXP Semiconductors SE98PW Datasheet HTML 20Page - NXP Semiconductors SE98PW Datasheet HTML 21Page - NXP Semiconductors SE98PW Datasheet HTML 22Page - NXP Semiconductors SE98PW Datasheet HTML 23Page - NXP Semiconductors SE98PW Datasheet HTML 24Page - NXP Semiconductors SE98PW Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
SE98_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 February 2009
21 of 39
NXP Semiconductors
SE98
DDR memory module temp sensor, 3.3 V
8.5 Temperature Trip Point registers
8.5.1 Upper Boundary Alarm Trip register (16-bit read/write)
The value is the upper threshold temperature value for Alarm mode. The data format is
2’s complement with bit 2 = 0.25
°C. ‘RFU’ bits will always report zero. Interrupts will
respond to the presently programmed boundary values. If boundary values are being
altered in-system, it is advised to turn off interrupts until a known state can be obtained to
avoid superfluous interrupt activity.
Table 12.
Upper Boundary Alarm Trip register bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU
SIGN
UBT[9:6]
Reset
00000000
Access
R
R
R
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
UBT[5:0]
RFU
Reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Table 13.
Upper Boundary Alarm Trip register bit description
Bit
Symbol
Description
15:13
RFU
reserved; always 0
12
SIGN
Sign (MSB)
11:2
UBT
Upper Boundary Alarm Trip Temperature (LSB = 0.25
°C)
1:0
RFU
reserved; always 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com