Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SE98PW
Description  DDR memory module temp sensor, 3.3 V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98PW Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SE98PW Datasheet HTML 13Page - NXP Semiconductors SE98PW Datasheet HTML 14Page - NXP Semiconductors SE98PW Datasheet HTML 15Page - NXP Semiconductors SE98PW Datasheet HTML 16Page - NXP Semiconductors SE98PW Datasheet HTML 17Page - NXP Semiconductors SE98PW Datasheet HTML 18Page - NXP Semiconductors SE98PW Datasheet HTML 19Page - NXP Semiconductors SE98PW Datasheet HTML 20Page - NXP Semiconductors SE98PW Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
SE98_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 February 2009
17 of 39
NXP Semiconductors
SE98
DDR memory module temp sensor, 3.3 V
8.3 Configuration register (01h, 16-bit read/write)
Table 8.
Configuration register (address 01h) bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU
HEN[1:0]
SHMD
Default
00000000
Access
RRRRR
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
CTLB
AWLB
CEVNT
ESTAT
EOCTL
CVO
EP
EMD
Default
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 9.
Configuration register (address 01h) bit description
Bit
Symbol
Description
15:11
RFU
reserved for future use; must be ‘0’.
10:9
HEN
Hysteresis Enable
00 — Disable hysteresis (default)
01 — Enable hysteresis at 1.5
°C
10 — Enable hysteresis at 3
°C
11 — Enable hysteresis at 6
°C
When enabled, hysteresis is applied to temperature movement around
trigger points. For example, consider the behavior of the ‘Above Alarm
Window’ bit (bit 14 of the Temperature register) when the hysteresis is set to
3
°C. As the temperature rises, bit 14 will be set to 1 (temperature is above
the alarm window) when the Temperature register contains a value that is
greater than the value in the Alarm Temperature Upper Boundary register. If
the temperature decreases, bit 14 will remain set until the measured
temperature is less than or equal to the value in the Alarm Temperature
Upper Boundary register minus 3
°C. (Refer to Figure 5 and Table 10).
Similarly, the ‘Below Alarm Window’ bit (bit 13 of the Temperature register)
will be set to 0 (temperature is equal to or above the Alarm Window Lower
Boundary Trip register) when the value in the Temperature register is equal
to or greater than the value in the Alarm Temperature Lower Boundary
register. As the temperature decreases, bit 13 will be set to 1 when the value
in the Temperature register is equal to or less than the value in the Alarm
Temperature Lower Boundary register minus 3
°C. Note that hysteresis is
also applied to EVENT pin functionality.
When either of the lock bits is set, these bits cannot be altered.
8
SHMD
Shutdown Mode.
0 — Enabled Temperature Sensor (default)
1 — Disabled Temperature Sensor
When shut down, the thermal sensor diode and Analog-to-Digital Converter
(ADC) are disabled to save power, no events will be generated. When either
of the lock bits is set, this bit cannot be set until unlocked. However, it can be
cleared at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com