Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SE98PW
Description  DDR memory module temp sensor, 3.3 V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98PW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SE98PW Datasheet HTML 9Page - NXP Semiconductors SE98PW Datasheet HTML 10Page - NXP Semiconductors SE98PW Datasheet HTML 11Page - NXP Semiconductors SE98PW Datasheet HTML 12Page - NXP Semiconductors SE98PW Datasheet HTML 13Page - NXP Semiconductors SE98PW Datasheet HTML 14Page - NXP Semiconductors SE98PW Datasheet HTML 15Page - NXP Semiconductors SE98PW Datasheet HTML 16Page - NXP Semiconductors SE98PW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
SE98_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 February 2009
13 of 39
NXP Semiconductors
SE98
DDR memory module temp sensor, 3.3 V
A = ACK = Acknowledge bit. W = Write bit = 0. R = Read bit = 1.
Fig 8.
SMBus/I2C-bus write to the Pointer register followed by a write data word
123456789123456789
SCL
A6
A5
A4
A3
A2
A1
A0
SDA
D7
D6
D5
D4
D3
D2
D1
D0
device address and write
write register address
WA
S
START
by host
ACK
by device
A
ACK
by device
(cont.)
(cont.)
002aab412
123456789123456789
SCL
D15
D14
D13
D12
D11
D10
D9
SDA
D7
D6
D5
D4
D3
D2
D1
D0
most significant byte data
least significant byte data
A
by host
ACK
by device
P
STOP
by host
D8
A
ACK
by device
A = ACK = Acknowledge bit. NA = Not Acknowledge bit. W = Write bit = 0. R = Read bit = 1.
Fig 9.
SMBus/I2C-bus write to Pointer register followed by a repeat START and an immediate data word read
123456789123456789
SCL
A6
A5
A4
A3
A2
A1
A0
SDA
D7
D6
D5
D4
D3
D2
D1
D0
device address and write
read register address
WA
S
START
by host
ACK
by device
A
ACK
by device
(cont.)
(cont.)
123456789
D15
D14
D13
D12
D11
D10
D9
D8
returned most significant byte data
A
ACK
by host
SCL
SDA
123456789
SCL
A6
A5
A4
A3
A2
A1
A0
SDA
device address and read
RA
SR
repeated
START
by host
ACK
by device
(cont.)
(cont.)
002aab413
123456789
D7
D6
D5
D4
D3
D2
D1
D0
returned least significant byte data
P
STOP
by host
NA
NACK
by host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com