Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SE98PW
Description  DDR memory module temp sensor, 3.3 V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98PW Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SE98PW Datasheet HTML 31Page - NXP Semiconductors SE98PW Datasheet HTML 32Page - NXP Semiconductors SE98PW Datasheet HTML 33Page - NXP Semiconductors SE98PW Datasheet HTML 34Page - NXP Semiconductors SE98PW Datasheet HTML 35Page - NXP Semiconductors SE98PW Datasheet HTML 36Page - NXP Semiconductors SE98PW Datasheet HTML 37Page - NXP Semiconductors SE98PW Datasheet HTML 38Page - NXP Semiconductors SE98PW Datasheet HTML 39Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
NXP Semiconductors
SE98
DDR memory module temp sensor, 3.3 V
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 2 February 2009
Document identifier: SE98_4
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
18. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.1
General features . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2
Temperature sensor features . . . . . . . . . . . . . . 2
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
7
Functional description . . . . . . . . . . . . . . . . . . . 5
7.1
Serial bus interface . . . . . . . . . . . . . . . . . . . . . . 5
7.2
Slave address . . . . . . . . . . . . . . . . . . . . . . . . . . 5
7.3
EVENT output condition . . . . . . . . . . . . . . . . . . 6
7.3.1
EVENT pin output voltage levels and
resistor sizing . . . . . . . . . . . . . . . . . . . . . . . . . . 6
7.3.2
EVENT thresholds . . . . . . . . . . . . . . . . . . . . . . 8
7.3.2.1
Alarm window . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7.3.2.2
Critical trip. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
7.3.3
Event operation modes . . . . . . . . . . . . . . . . . . . 9
7.3.3.1
Comparator mode. . . . . . . . . . . . . . . . . . . . . . . 9
7.3.3.2
Interrupt mode . . . . . . . . . . . . . . . . . . . . . . . . . 9
7.4
Conversion rate. . . . . . . . . . . . . . . . . . . . . . . . 10
7.5
Power-up default condition . . . . . . . . . . . . . . . 10
7.6
Device initialization . . . . . . . . . . . . . . . . . . . . . 10
7.7
SMBus time-out . . . . . . . . . . . . . . . . . . . . . . . 11
7.8
SMBus Alert . . . . . . . . . . . . . . . . . . . . . . . . . . 11
7.9
SMBus/I2C-bus interface . . . . . . . . . . . . . . . . 12
7.10
Hot plugging . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8
Register descriptions . . . . . . . . . . . . . . . . . . . 15
8.1
Register overview . . . . . . . . . . . . . . . . . . . . . . 15
8.2
Capability register (00h, 16-bit read-only). . . . 16
8.3
Configuration register (01h, 16-bit read/write) 17
8.4
Temperature format . . . . . . . . . . . . . . . . . . . . 20
8.5
Temperature Trip Point registers . . . . . . . . . . . 21
8.5.1
Upper Boundary Alarm Trip register
(16-bit read/write) . . . . . . . . . . . . . . . . . . . . . . 21
8.5.2
Lower Boundary Alarm Trip register
(16-bit read/write) . . . . . . . . . . . . . . . . . . . . . . 22
8.5.3
Critical Alarm Trip register (16-bit read/write) . 22
8.6
Temperature register (16-bit read-only) . . . . . 23
8.7
Manufacturer’s ID register (16-bit read-only) . 23
8.8
Device ID register . . . . . . . . . . . . . . . . . . . . . . 24
8.9
SMBus register . . . . . . . . . . . . . . . . . . . . . . . . 24
9
Application design-in information . . . . . . . . . 25
9.1
SE98 in memory module application . . . . . . . 25
9.2
Layout consideration . . . . . . . . . . . . . . . . . . . 26
9.3
Thermal considerations . . . . . . . . . . . . . . . . . 26
10
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 26
11
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 27
12
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 30
13
Soldering of SMD packages . . . . . . . . . . . . . . 32
13.1
Introduction to soldering. . . . . . . . . . . . . . . . . 32
13.2
Wave and reflow soldering . . . . . . . . . . . . . . . 32
13.3
Wave soldering. . . . . . . . . . . . . . . . . . . . . . . . 32
13.4
Reflow soldering. . . . . . . . . . . . . . . . . . . . . . . 33
14
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 34
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . 35
16
Legal information . . . . . . . . . . . . . . . . . . . . . . 36
16.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 36
16.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
16.3
Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . 36
16.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 36
17
Contact information . . . . . . . . . . . . . . . . . . . . 36
18
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com