Electronic Components Datasheet Search
  English  ▼

X  

SE98PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE98PW
Description  DDR memory module temp sensor, 3.3 V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98PW Datasheet(HTML) 4 Page - NXP Semiconductors

  SE98PW Datasheet HTML 1Page - NXP Semiconductors SE98PW Datasheet HTML 2Page - NXP Semiconductors SE98PW Datasheet HTML 3Page - NXP Semiconductors SE98PW Datasheet HTML 4Page - NXP Semiconductors SE98PW Datasheet HTML 5Page - NXP Semiconductors SE98PW Datasheet HTML 6Page - NXP Semiconductors SE98PW Datasheet HTML 7Page - NXP Semiconductors SE98PW Datasheet HTML 8Page - NXP Semiconductors SE98PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
SE98_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 February 2009
4 of 39
NXP Semiconductors
SE98
DDR memory module temp sensor, 3.3 V
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
In general, application of 10 V on the A0 pin would not damage the pin, but NXP Semiconductors does not
guarantee the overvoltage for this pin.
Fig 2.
Pin configuration for TSSOP8
Fig 3.
Pin configuration for HVSON8
SE98PW
A0
VDD
A1
EVENT
A2
SCL
VSS
SDA
002aab806
1
2
3
4
6
5
8
7
Transparent top view
5
4
6
3
7
2
8
1
terminal 1
index area
002aab804
SE98TK
SDA
A2
VSS
SCL
A1
EVENT
A0
VDD
Table 2.
Pin description
Symbol
Pin
Type
Description
A0[1]
1I
I2C-bus/SMBus slave address bit 0
A1
2
I
I2C-bus/SMBus slave address bit 1
A2
3
I
I2C-bus/SMBus slave address bit 2
VSS
4
ground
device ground
SDA
5
I/O
SMBus/I2C-bus serial data input/output (open-drain).
Must have external pull-up resistor.
SCL
6
I
SMBus/I2C-bus serial clock input/output (open-drain).
Must have external pull-up resistor.
EVENT
7
O
Thermal alarm output for high/low and critical temperature
limit (open-drain). Must have external pull-up resistor.
VDD
8
power
device power supply (3.0 V to 3.6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com