Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # MK712
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button MK712 Datasheet HTML 2Page - Integrated Device Technology MK712 Datasheet HTML 3Page - Integrated Device Technology MK712 Datasheet HTML 4Page - Integrated Device Technology MK712 Datasheet HTML 5Page - Integrated Device Technology MK712 Datasheet HTML 6Page - Integrated Device Technology MK712 Datasheet HTML 7Page - Integrated Device Technology MK712 Datasheet HTML 8Page - Integrated Device Technology MK712 Datasheet HTML 9Page - Integrated Device Technology MK712 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ TOUCH SCREEN CONTROLLER
6
MK712
REV N 051310
Recommended Circuit
Pen Bounce
When the screen is untouched, the Y plate is driven high and the X plate is driven low. When the screen is touched,
the X plate is pulled high, which is detected by the MK712. This initiates a conversion (as long as periodic
conversions are enabled). Some de-bounce is provided by the time constant of the screen decoupling capacitors
combined with the screen resistance. However, once conversions have started, pen bounce will not be detected
until after both the X and Y points have been taken.
If the pen is lifted during a conversion, this will also not be detected until the conversion is complete. This is typically
indicated by a point with the correct Y coordinates, but minimum (for that screen) X coordinates.
Screen Decoupling
The component values suggested should give excellent results. However, for screens with a high resistance
operating at a high conversion rate, extra interrupts may be issued. This is because the time constant of the screen
decoupling capacitors and screen resistance is high, resulting in the screen appearing to be untouched and then
touched between conversions. These extra interrupts can be eliminated by reducing the size of the screen
decoupling capacitors on pins XH, XL, YH, and YL. This will, however, slightly reduce the noise rejection, which
could decrease the accuracy of the conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com