Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # MK712
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button MK712 Datasheet HTML 3Page - Integrated Device Technology MK712 Datasheet HTML 4Page - Integrated Device Technology MK712 Datasheet HTML 5Page - Integrated Device Technology MK712 Datasheet HTML 6Page - Integrated Device Technology MK712 Datasheet HTML 7Page - Integrated Device Technology MK712 Datasheet HTML 8Page - Integrated Device Technology MK712 Datasheet HTML 9Page - Integrated Device Technology MK712 Datasheet HTML 10Page - Integrated Device Technology MK712 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ TOUCH SCREEN CONTROLLER
7
MK712
REV N 051310
Optimizing Performance when Reading and Writing Registers
Reading and writing the MK712 generates digital noise that may reduce the accuracy of the A to D converter. This
noise has several causes, including board layout, data bus loading, and power supply voltage. By appropriately
timing the register operations, the effects of this noise can be minimized.
After an interrupt is issued, the MK712 allows a minimum of 1 millisecond to elapse before initiating the conversion
cycle. This allows the screen drivers to settle. For best performance, complete all register operations within this 1ms
window after an interrupt.
Power Down/Stopping the Clock
If the screen is untouched, the supply current is under 3µA. If the input clock is stopped, the supply current is also
less than 3µA. When the screen is touched with no clock, TOUCH goes low and INT goes high, but no further
operations occur until the clock starts. A to D conversions are invalid until after the clock has stabilized at the correct
frequency and one full conversion cycle has been completed.
Input Clock
The MK712 is highly tolerant of different clock frequencies (from 12 to 20 MHz), rise times, and duty cycles.
However, any input clock undershoot or overshoot will cause the MK712 to draw extra current. This can be
eliminated by using a MicroClock clock synthesizer and properly terminating the clock driver. MicroClock makes low
power clock synthesizers with 14.3 MHz power down.
Resistive Touch Screen (4-wire)
Resistive touch screens consist of 2 resistive plates that are separated by a small gap. Each plate has an electrode
at each end and when the screen is touched, the two plates are shorted together at that point.
If a voltage is applied, for example, between XL and XH, then a voltage divider is formed on the X PLATE. When the
Y PLATE is touched to the X PLATE, a voltage will be developed on the Y PLATE that is proportional to distance of
the touch from XL and XH. By accurately measuring this voltage, the position of the touch can be determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com