Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # MK712
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button MK712 Datasheet HTML 9Page - Integrated Device Technology MK712 Datasheet HTML 10Page - Integrated Device Technology MK712 Datasheet HTML 11Page - Integrated Device Technology MK712 Datasheet HTML 12Page - Integrated Device Technology MK712 Datasheet HTML 13Page - Integrated Device Technology MK712 Datasheet HTML 14Page - Integrated Device Technology MK712 Datasheet HTML 15Page - Integrated Device Technology MK712 Datasheet HTML 16Page - Integrated Device Technology MK712 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ TOUCH SCREEN CONTROLLER
13
MK712
REV N 051310
Register Interface Timing
Notes:
1. RD edges may precede or follow CS edges.
2. WR edges may precede or follow CS edges.
3. Either TRDW or TRDWC specification must be met.
4. Either TRDHW or TRDHWC specification must be met.
5. It is not permitted to have both RD and WR low at the same time.
Number
Symbol
Description
Min.
Max.
Units
Note
Read and Write Cycles
1
TRASC
Address Setup to CS Low
5
ns
2
TRAHC
Address Hold from CS High
0
ns
3
TRCCY
CS High to CS Low
40
ns
Read Cycle Only
4
TRSCR
CS Low to RD Low
10
ns
5
TRRD
RD Pulse Width
40
ns
6
TRCHR1
RD High to CS High
0
ns
7
TRCHR2
RD High to CS Low
40
ns
8
TRDC
CS Low to Data
35
ns
9
TRDR
RD Low to Data
35
ns
10
TRDHC
CS High to Data Release
2
20
ns
1
11
TRDHR
RD High to Data Release
2
20
ns
1
Write Cycle Only
12
TRCSW
CS Low to WR Low
10
ns
13
TRWR
WR Pulse Width
40
ns
14
TRCHW
WR High to CS High
0
ns
2
15
TRWH
WR High to CS Low
40
ns
16
TRWCY
WR High to WR Low
40
ns
17
TRDW
Data Setup to WR High
15
ns
3
18
TRDHW
Data Hold from WR High
15
ns
4
19
TRDWC
Data Setup to CS High
15
ns
3
20
TRDHWC
Data Hold from CS High
15
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com