Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # MK712
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button MK712 Datasheet HTML 4Page - Integrated Device Technology MK712 Datasheet HTML 5Page - Integrated Device Technology MK712 Datasheet HTML 6Page - Integrated Device Technology MK712 Datasheet HTML 7Page - Integrated Device Technology MK712 Datasheet HTML 8Page - Integrated Device Technology MK712 Datasheet HTML 9Page - Integrated Device Technology MK712 Datasheet HTML 10Page - Integrated Device Technology MK712 Datasheet HTML 11Page - Integrated Device Technology MK712 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ TOUCH SCREEN CONTROLLER
8
MK712
REV N 051310
Recommended Method for Reading Points
If the user is pressing lightly on the touch screen, it is likely that the screen contact will be intermittent. The screen
will bounce, causing false points. This effect can be reduced by insuring that the screen is touched both before and
after a conversion. By doing this, the first and last point in a series of points are discarded. The following algorithm
checks that a point has valid touches both before and after a conversion, and it distinguishes between
change-in-touch interrupts and conversion complete interrupts. Register 6 bits 0, 1, and 2 must all be true (logical
1) in order to use this method.
Warning–When Using a Switching Regulator Power Supply
When using the MK712 in a system where the power is supplied by a switching regulator, do not perform screen
conversions when the regulator is operating in the power saving mode. Some switching regulators feature a low
power mode (for example, Linear Technology’s “Burst Mode”) where the output is turned on and off in order to save
power. The extra power supply noise generated when using this mode causes spurious data points to be returned
from the MK712, so it should be disabled when the MK712 is doing screen conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com