Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MK712
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712 Datasheet(HTML) 1 Page - Integrated Device Technology

  MK712 Datasheet HTML 1Page - Integrated Device Technology MK712 Datasheet HTML 2Page - Integrated Device Technology MK712 Datasheet HTML 3Page - Integrated Device Technology MK712 Datasheet HTML 4Page - Integrated Device Technology MK712 Datasheet HTML 5Page - Integrated Device Technology MK712 Datasheet HTML 6Page - Integrated Device Technology MK712 Datasheet HTML 7Page - Integrated Device Technology MK712 Datasheet HTML 8Page - Integrated Device Technology MK712 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATASHEET
TOUCH SCREEN CONTROLLER
MK712
IDT™ TOUCH SCREEN CONTROLLER
1
MK712
REV N 051310
Description
The MK712 Touch Screen Controller IC provides all the
screen drive, A to D converter and control circuits to easily
interface to 4-wire analog resistive touch screens.
The IC continually monitors the screen waiting for a touch.
In this mode, the supply current is typically 0.5µA. When
the screen is touched, the IC performs analog to digital
conversions to determine the location of the touch, stores
the X and Y locations in the registers, and issues an
interrupt. This process is repeated up to 197 times per
second until no further screen touches are detected, at
which time the low current mode is resumed.
Block Diagram
Features
• Packaged in 28-pin SSOP (150 mil) or 28-pin SOIC (300
mil)
• Industrial (-30°C to +70°C) and commercial (0 to +70°C)
and automotive (-35°C to +85°C) temperature ranges
• Pb (lead) free
• Fully integrated, lowest power solution
• Low standby current of 0.5µA (typical) at 5.0 V
• Active current while converting less than 10 mA
• Resolves 350 dots/inch on 10.5” display
• Maximum speed of 197 points/second
• Ratio metric conversion may eliminate screen calibration
• Automatically wakes up and goes back to standby
• 3.3 V or 5 V supply
• 12 bit A/D converter
• Simplifies the writing of software for touch screens
• Extended temperature range available
• Capacitors are the only external components required
• Touch screen is directly driven - no external transistors
are required
• Programmable conversion rate
• A to D Converter is monotonic
• Parallel interface
Pin Assignment
18
7
17
8
16
9
15
XL
10
YH
11
YL
12
GND
13
GND
14
GND
D6
D7
CLKIN
WR
A0
A2
RD
A1
22
21
20
19
CS
VDD
5
6
VDD
XH
D5
24
23
D4
3
4
TOUCH
VDD
D3
26
25
D2
1
2
NC
INT
D1
28
27
D0


Similar Part No. - MK712

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK712 ICST-MK712 Datasheet
204Kb / 16P
Touch Screen Controller
Revision 100899
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Renesas Technology Corp
MK712 RENESAS-MK712 Datasheet
573Kb / 22P
TOUCH SCREEN CONTROLLER
051310
logo
LAPIS Semiconductor Co....
MK71251-01 LAPIS-MK71251-01 Datasheet
1Mb / 29P
Bluetooth Smart wireless module
MK71251-02 LAPIS-MK71251-02 Datasheet
1Mb / 29P
Bluetooth Smart wireless module
More results

Similar Description - MK712

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com