Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # MK712
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button MK712 Datasheet HTML 8Page - Integrated Device Technology MK712 Datasheet HTML 9Page - Integrated Device Technology MK712 Datasheet HTML 10Page - Integrated Device Technology MK712 Datasheet HTML 11Page - Integrated Device Technology MK712 Datasheet HTML 12Page - Integrated Device Technology MK712 Datasheet HTML 13Page - Integrated Device Technology MK712 Datasheet HTML 14Page - Integrated Device Technology MK712 Datasheet HTML 15Page - Integrated Device Technology MK712 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ TOUCH SCREEN CONTROLLER
12
MK712
REV N 051310
AC Electrical Characteristics
Unless stated otherwise,VDD = 3.3 V or 5 V, TA = 0 to +70° C (commercial), -30°C to +70°C (industrial), -35°C to
+85°C (automotive)
Note 1: Consult with IDT about the best device to use to generate the input clock.
Note 2: With no missing codes.
Note 3: Assumes no 14.3 MHz input clock overshoot, 300
Ω screen, 100 PPS.
Note 4: Assumes no 14.3 MHz input clock overshoot, no touch.
Note 5: With no touch, no clock.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Clock Frequency, pin 18
Note 1
12
14.32
20
MHz
Input Clock Duty Cycle, pin 18
At 1.5 V
25
75
%
Output Rise Time
tOR
0.8 to 2.0 V, VDD=5 V
3
ns
Output Fall Time
tOF
2.0 to 0.8 V, VDD=5 V
3
ns
Resolution
12
bits
Non-linearity
Monotonic, Note 2
±2
LSB
Touch Screen Resistance
100
2000
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com