Electronic Components Datasheet Search
  English  ▼

X  

MK712 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # MK712
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button MK712 Datasheet HTML 5Page - Integrated Device Technology MK712 Datasheet HTML 6Page - Integrated Device Technology MK712 Datasheet HTML 7Page - Integrated Device Technology MK712 Datasheet HTML 8Page - Integrated Device Technology MK712 Datasheet HTML 9Page - Integrated Device Technology MK712 Datasheet HTML 10Page - Integrated Device Technology MK712 Datasheet HTML 11Page - Integrated Device Technology MK712 Datasheet HTML 12Page - Integrated Device Technology MK712 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ TOUCH SCREEN CONTROLLER
9
MK712
REV N 051310
Analog to Digital Converter Option
The 12-bit ADC converts X and Y co-ordinates at a rate determined by registers 6 and 7. The converter uses a
ratiometric technique to give absolute co-ordinates on the screen, largely independent of variations in screen
resistance, temperature or power supply voltage. The total voltage applied across the screen is defined as full-scale
for the converter (i.e. 4095) and any point touched on the screen is proportional to this. For example, if the screen
is touched exactly in the center, the converter will read 2047. This feature may allow for the elimination of calibration
upon startup.
However, the full scale voltage is defined at the IC pins and so any parasitic interconnect resistance will be included
in full scale. In addition, the interconnect resistances on the screen also account for about 20% of the total
resistance. This means that approximately the bottom 10% and top 10% of full scale are inaccessible.
The converter is guaranteed to be monotonic, with no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com