Electronic Components Datasheet Search
  English  ▼

X  

LMP8358 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8358
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMP8358 Datasheet HTML 14Page - National Semiconductor (TI) LMP8358 Datasheet HTML 15Page - National Semiconductor (TI) LMP8358 Datasheet HTML 16Page - National Semiconductor (TI) LMP8358 Datasheet HTML 17Page - National Semiconductor (TI) LMP8358 Datasheet HTML 18Page - National Semiconductor (TI) LMP8358 Datasheet HTML 19Page - National Semiconductor (TI) LMP8358 Datasheet HTML 20Page - National Semiconductor (TI) LMP8358 Datasheet HTML 21Page - National Semiconductor (TI) LMP8358 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Application Information
INTRODUCTION
The LMP8358 is a precision programmable gain instrumen-
tation amplifier. Its gain can be programmed to 10, 20, 50,
100, 200, 500 or 1000 through an SPI-compatible serial in-
terface or through a parallel interface. Alternatively, its gain
can be set to an arbitrary value using external resistors. Note
that at low gains the dynamic range is limited by the maximum
input differential voltage of ±100mV. The LMP8358 uses
patented techniques to measure and continuously correct its
input offset voltage, eliminating offset drift over time and tem-
perature, and the effect of 1/f noise. Its ground sensing CMOS
input features a high CMRR and low input bias currents. It is
capable of sensing differential input voltages in a common-
mode range that extends from 100 mV below the negative
supply to 1.4V below the positive supply, making it an ideal
solution for interfacing with ground-referenced sensors, sup-
ply-referenced sensor bridges, and any other application re-
quiring precision and long term stability. Additionally, the
LMP8358 includes fault detection circuitry, so open and short-
ed inputs can be detected, as well a deteriorating connection
to the signal source. Other features that make the LMP8358
a versatile solution for many applications are: its rail-to-rail
output, low input voltage noise and high gain-bandwidth prod-
uct.
TRANSIENT RESPONSE TO FAST INPUTS
The LMP8358 is a current-feedback instrumentation amplifier
that consists of two auto-zeroed input stages. These two input
stages are operated in a ping-pong fashion: as one stage is
auto-zeroed the other stage provides the path between the
input pins and the output. The auto-zeroing decreases offset,
offset drift, and 1/f noise while the ping-pong architecture pro-
vides a continuous path between the input and the output. As
with all devices that use auto-zeroing, care must be taken with
the signal frequency used with the device. On-chip continu-
ous auto-zero correction circuitry eliminates the 1/f noise and
significantly reduces the offset voltage and offset voltage drift;
all of which are very low-frequency events. For slow-changing
sensor signals, below 2kHz, this correction is transparent.
Higher-frequency signals as well as fast changing edges will
show a settling and ramping time lasting about 1
μs. Like all
auto-zeroing devices, if the input frequency is above the auto-
zero frequency, aliasing will occur. This can occur both at the
auto-zeroing frequency of about 12kHz and the ping-pong
frequency of about 50kHz. If needed, a low-pass filter should
be placed on the output of the LMP8358 to filter out this dis-
turbance.
COMMUNICATION WITH THE PART AND REGISTER
DESCRIPTION
The LMP8358 supports a serial and a parallel digital interface
mode as shown in Figure 1.
Parallel user mode Gain is set using G0, G1 and G2 pins.
The shutdown mode can be activated by
asserting SHDN. Fault detection fea-
tures are unavailable.
Serial user mode
The part is SPI-programmable through
SDI, SCK, SDO and CSB. All features
are available.
30045410
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com