Electronic Components Datasheet Search
  English  ▼

X  

LMP8358 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8358
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8358 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMP8358 Datasheet HTML 16Page - National Semiconductor (TI) LMP8358 Datasheet HTML 17Page - National Semiconductor (TI) LMP8358 Datasheet HTML 18Page - National Semiconductor (TI) LMP8358 Datasheet HTML 19Page - National Semiconductor (TI) LMP8358 Datasheet HTML 20Page - National Semiconductor (TI) LMP8358 Datasheet HTML 21Page - National Semiconductor (TI) LMP8358 Datasheet HTML 22Page - National Semiconductor (TI) LMP8358 Datasheet HTML 23Page - National Semiconductor (TI) LMP8358 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Table 3. Function of Digital IO Pins, Serial Mode
Pin Name
Description
SDO
Serial Data Out
SDI
Serial Data In
SCK
Serial Clock
CSB
Chip Select
VLSER
Negative Logic level
VHSER
Positive Logic Level
Table 4. LMP8358 Register Description, Serial Mode
Bit No
Name
Description
0
G0
Gain setting (LSB)
1
G1
Gain setting
2
G2
Gain setting (MSB)
3
COMP0
Frequency compensation setting (LSB)
4
COMP1
Frequency compensation setting
5
COMP2
Frequency compensation setting (MSB)
6
MUX0
Input multiplexer selection (LSB)
7
MUX1
Input multiplexer selection (MSB)
8
POL
Input polarity switch
9
SHDN
Shutdown Enable
10
FILT
Enable filtering using external cap
Bit No
Name
Description
11
PIN
Fault detection pin selection
12
CUR0
Fault detection current setting (LSB)
13
CUR1
Fault detection current setting
14
CUR2
Fault detection current setting (MSB)
15
N/A
Unused, set to 0
Serial Control Interface Operation
The LMP8358 gain, bandwidth compensation, shutdown, in-
put options, and fault detection are controlled by an on board
programmable register. Data to be written into the control
register is first loaded into the LMP8358 via the serial inter-
face. The serial interface employs an 16-bit double-buffered
register for glitch-free transitions between settings. Data is
loaded through the serial data input, SDI. Data passing
through the shift register is output through the serial data out-
put, SDO. The serial clock, SCK controls the serial loading
process. All sixteen data bits are required to correctly program
the amplifier. The falling edge of CSB enables the shift reg-
ister to receive data. The SCK signal must be high during the
falling and rising edge of CSB. Each data bit is clocked into
the shift register on the rising edge of SCK. Data is transferred
from the shift register to the holding register on the rising edge
of CSB. Operation is shown in the SPI Timing Diagram.
The serial control pins can be connected in one of two ways
when two or more LMP8358s are used in an application.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com